Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2374PCK-410 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2374PCK-410
Description  3V LOW NOISE AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2374PCK-410 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2374PCK-410 Datasheet HTML 1Page - RF Micro Devices RF2374PCK-410 Datasheet HTML 2Page - RF Micro Devices RF2374PCK-410 Datasheet HTML 3Page - RF Micro Devices RF2374PCK-410 Datasheet HTML 4Page - RF Micro Devices RF2374PCK-410 Datasheet HTML 5Page - RF Micro Devices RF2374PCK-410 Datasheet HTML 6Page - RF Micro Devices RF2374PCK-410 Datasheet HTML 7Page - RF Micro Devices RF2374PCK-410 Datasheet HTML 8Page - RF Micro Devices RF2374PCK-410 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3 of 15
RF2374
DS140519
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
CDMA Low Noise Amplifier
HIGH GAIN MODE
Frequency
869
894
MHz
Gain
19
dB
Noise Figure
1.0
dB
Input IP3
+2.0
dBm
IIP3 will improve if ICC is raised above 7mA.
Current Drain
7
mA
Low Band LNA
HIGH GAIN MODE
Frequency
50
950
MHz
Gain
20
dB
88MHz
Gain
19
dB
870MHz
Noise Figure
2.5
dB
88MHz
Noise Figure
1.5
dB
870MHz
Input IP3
+2.0
dBm
IIP3 will improve if ICC is raised above 7mA.
PCS and LTE Band LNA
VCC=2.2V, 25°C
Frequency
1750
2050
MHz
HIGH GAIN MODE
Gain Select<0.8V
Gain
15
16
dB
Noise Figure
1.1
1.3
dB
Input IP3
8
9
10
dBm
IIP3 will improve if ICC is raised above 7mA
Current Drain
7
mA
BYPASS MODE (Low Gain)
Gain Select>1.6V
Gain
-3
-2
dB
Input IP3
17
18
dBm
Noise Figure
2.7
3.5
dB
LTE Low Band LNA
VCC=2.2V, 25°C
Frequency
704
950
MHz
HIGH GAIN MODE
Gain Select<0.8V
Gain
17
18
dB
Noise Figure
1.4
1.6
dB
Input IP3
-3
0
dBm
IIP3 will improve if ICC is raised above 7mA
Current Drain
7
mA
BYPASS MODE (Low Gain)
Gain
-5
-4
dB
Input IP3
14
15
dBm
Noise Figure
5
6.6
dB


Similar Part No. - RF2374PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2374PCBA-410 RFMD-RF2374PCBA-410 Datasheet
159Kb / 8P
   3V LOW NOISE AMPLIFIER
RF2374PCBA-411 RFMD-RF2374PCBA-411 Datasheet
159Kb / 8P
   3V LOW NOISE AMPLIFIER
More results

Similar Description - RF2374PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2373 RFMD-RF2373_1 Datasheet
220Kb / 12P
   3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2373 RFMD-RF2373 Datasheet
132Kb / 8P
   3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2373 RFMD-RF2373_06 Datasheet
87Kb / 8P
   3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2451 RFMD-RF2451 Datasheet
81Kb / 6P
   3V LOW NOISE AMPLIFIER
RF2371 RFMD-RF2371 Datasheet
63Kb / 8P
   3V LOW NOISE AMPLIFIER
RF2370 RFMD-RF2370 Datasheet
215Kb / 6P
   3V LOW NOISE AMPLIFIER
RF2374 RFMD-RF2374 Datasheet
159Kb / 8P
   3V LOW NOISE AMPLIFIER
RF2365 RFMD-RF2365 Datasheet
135Kb / 8P
   3V LOW NOISE AMPLIFIER
RF2370 RFMD-RF2370_11 Datasheet
654Kb / 11P
   3V LOW NOISE AMPLIFIER
RF2370 RFMD-RF2370_1 Datasheet
291Kb / 6P
   3V LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com