Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B140-1A0-WP-1 Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # B140-1A0-WP-1
Description  DVI over Cat5/6 Extender, Extended-Range Video Wallplate Receiver, 1920 x 1080 60 Hz, Up to 200 Ft, RJ45 Keystone Jack
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B140-1A0-WP-1 Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  B140-1A0-WP-1 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B140-1A0-WP-1 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B140-1A0-WP-1 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
3 / 3


Similar Part No. - B140-1A0-WP-1

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B140-101 TRIPPLITE-B140-101 Datasheet
156Kb / 3P
   DVI over Cat5/Cat6 Passive Extender Kit, Box-Style Video Transmitter & Receiver, 1920x1080 at 60Hz, Up to 100-ft., TAA
B140-101X-U TRIPPLITE-B140-101X-U Datasheet
506Kb / 2P
   DVI over Cat5/6 Active Extender Kit, Transmitter/Receiver for Video, 1920 x 1200 60 Hz, 1080p, Up to 125-ft.
logo
Diodes Incorporated
B140-13 DIODES-B140-13 Datasheet
113Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B140-13-F DIODES-B140-13-F Datasheet
113Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Tripp Lite. All Rights ...
B140-1P0 TRIPPLITE-B140-1P0 Datasheet
157Kb / 3P
   DVI over Cat5/Cat6 Passive Extender, Video Receiver, 1920x1080 at 60Hz, Up to 100-ft., TAA
More results

Similar Description - B140-1A0-WP-1

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B140-101X-U TRIPPLITE-B140-101X-U Datasheet
506Kb / 2P
   DVI over Cat5/6 Active Extender Kit, Transmitter/Receiver for Video, 1920 x 1200 60 Hz, 1080p, Up to 125-ft.
B1401P0WP1 TRIPPLITE-B1401P0WP1 Datasheet
491Kb / 2P
   DVI over Cat5-Cat6 Passive Extender, Wallplate Video Receiver, 1920x1080 at 60Hz
B150-1A1-DVI TRIPPLITE-B150-1A1-DVI Datasheet
166Kb / 3P
   DisplayPort to DVI over Cat5/6 Active Extender Kit, Pigtail-Style Transmitter/Receiver, Video/Audio, 1080/60p, Up to 125-ft.
B1401A0WP TRIPPLITE-B1401A0WP Datasheet
494Kb / 2P
   DVI over Cat5-Cat6 Active Extender, Wallplate Remote Video Receiver, 1920x1080 at 60Hz
B125-101-60-IRU TRIPPLITE-B125-101-60-IRU Datasheet
162Kb / 3P
   HDMI over Dual Cat5/Cat6 Extender Kit, In-Line Transmitter/Receiver for Video/Audio, 1920 x 1080 (1080p) @ 60 Hz, IR, TAA
B132100WP1 TRIPPLITE-B132100WP1 Datasheet
496Kb / 2P
   VGA over Cat5-Cat6 Extender, Wallplate Receiver, 1920x1440 at 60Hz, Up to 1000-ft
B126-1A0-INT TRIPPLITE-B126-1A0-INT Datasheet
506Kb / 3P
   HDMI over Cat5/6 Active Extender, Box-Style Receiver for Video/Audio, 1080p 60 Hz w/ Intl. Power Supply, Up to 200-ft.
B140-1P1-WP-1 TRIPPLITE-B140-1P1-WP-1 Datasheet
159Kb / 3P
   DVI over Cat5/Cat6 Passive Extender Wallplate Kit, Transmitter and Receiver, 1920x1080 60Hz, Up to 100-ft., TAA
B140-1P0 TRIPPLITE-B140-1P0 Datasheet
157Kb / 3P
   DVI over Cat5/Cat6 Passive Extender, Video Receiver, 1920x1080 at 60Hz, Up to 100-ft., TAA
B126-1A1-INT TRIPPLITE-B126-1A1-INT Datasheet
501Kb / 2P
   HDMI over Cat5/6 Active Extender Kit,Box-Style Transmitter/Receiver,Video/Audio,1080/60p,Intl Power Supply,Up to 200-ft.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com