Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA42 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # MMBTA42
Description  NPN Silicon High Voltage Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

MMBTA42 Datasheet(HTML) 2 Page - Nanjing International Group Co

  MMBTA42 Datasheet HTML 1Page - Nanjing International Group Co MMBTA42 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMBTA42 / MMBTA43
0.2
0.0
IC, Collector Current (mA)
Figure 4."on" Voltages
0.1
1.0
10
1.4
1.2
1.0
0.8
0.6
0.4
0.1
1
10
100
VR, Reverse Voltage (volts)
Figure 2. Capacitance
0.1
1
Ccb @ 1MHz
10
100
Ceb @ 1MHz
H VCE(sat) @ 25°C,IC/IB=10
I VCE(sat) @ -55°C,IC/IB=10
100
Ic, Collector Current (mA)
Figure 3. Current-Gain-Bandwidth
G VCE(sat) @ 125°C,IC/IB=10
F VBE(on) @ 25°C,VCE=10V
E VBE(on) @ 125°C,VCE=10V
D VBE(sat) @ 25°C,IC/IB=10
C VBE(sat) @ 125°C,IC/IB=10
B VBE(on) @ -55°C,VCE=10V
A VBE(sat) @-55°C, IC/IB=10
10
40
1000
10
1.0
30
20
60
50
80
70
2.0
3.0
7.0
5.0
20
50
30
70 100
IC, Collector Current (mA)
Figure 1. DC Current Gain
120
100
40
TJ=-55°C
0
0.1
20
TJ=25°C
TJ=+125°C
80
60
1.0
10
100
VCE =10Vdc
VCE=20V
f=20MHz
TJ=20°C


Similar Part No. - MMBTA42

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBTA42 PHILIPS-MMBTA42 Datasheet
43Kb / 8P
   NPN high-voltage transistor
2000 Apr 11
logo
Fairchild Semiconductor
MMBTA42 FAIRCHILD-MMBTA42 Datasheet
628Kb / 1P
   FAIRCHILD Small Signal Transistors
logo
Unisonic Technologies
MMBTA42 UTC-MMBTA42 Datasheet
126Kb / 4P
   HIGH VOLTAGE RANSISTOR
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42 Datasheet
246Kb / 3P
   NPN Silicon High Voltage Transistor
logo
ON Semiconductor
MMBTA42 ONSEMI-MMBTA42 Datasheet
112Kb / 5P
   High Voltage Transistors
July, 2010 ??Rev. 9
More results

Similar Description - MMBTA42

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFN16 INFINEON-BFN16 Datasheet
47Kb / 5P
   NPN Silicon High-Voltage Transistors
Nov-30-2001
logo
Leshan Radio Company
MMBTA42LT1 LRC-MMBTA42LT1 Datasheet
102Kb / 3P
   High Voltage Transistors(NPN Silicon)
logo
ON Semiconductor
MMBTA42LT1 ONSEMI-MMBTA42LT1 Datasheet
99Kb / 4P
   High Voltage Transistors(NPN Silicon)
November, 2003 ??Rev. 5
logo
Leshan Radio Company
MMBT5550LT1 LRC-MMBT5550LT1 Datasheet
165Kb / 4P
   High Voltage Transistors(NPN Silicon)
logo
TRANSYS Electronics Lim...
2N3439 TEL-2N3439 Datasheet
62Kb / 2P
   NPN HIGH VOLTAGE SILICON TRANSISTORS
logo
Infineon Technologies A...
BFN24 INFINEON-BFN24_07 Datasheet
74Kb / 7P
   NPN Silicon High-Voltage Transistors
2007-04-20
BFN38 INFINEON-BFN38 Datasheet
67Kb / 6P
   NPN Silicon High-Voltage Transistors
2007-03-29
logo
Siemens Semiconductor G...
SXTA42 SIEMENS-SXTA42 Datasheet
138Kb / 4P
   NPN Silicon High Voltage Transistors
logo
ON Semiconductor
MMBT5550LT1 ONSEMI-MMBT5550LT1 Datasheet
199Kb / 6P
   High Voltage Transistors(NPN Silicon)
MPSA42 ONSEMI-MPSA42 Datasheet
85Kb / 4P
   High Voltage Transistors(NPN Silicon)
1998 REV 1
logo
New Jersey Semi-Conduct...
MJ410 NJSEMI-MJ410 Datasheet
133Kb / 2P
   High Voltage NPN Silicon Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com