Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRD15-Q48-S15 Datasheet(PDF) 7 Page - CUI INC

Part # PRD15-Q48-S15
Description  DC-DC CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRD15-Q48-S15 Datasheet(HTML) 7 Page - CUI INC

Back Button PRD15-Q48-S15 Datasheet HTML 3Page - CUI INC PRD15-Q48-S15 Datasheet HTML 4Page - CUI INC PRD15-Q48-S15 Datasheet HTML 5Page - CUI INC PRD15-Q48-S15 Datasheet HTML 6Page - CUI INC PRD15-Q48-S15 Datasheet HTML 7Page - CUI INC PRD15-Q48-S15 Datasheet HTML 8Page - CUI INC PRD15-Q48-S15 Datasheet HTML 9Page - CUI INC PRD15-Q48-S15 Datasheet HTML 10Page - CUI INC PRD15-Q48-S15 Datasheet HTML 11Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
cui.com
date 03/28/2016
│ page 7 of 14
CUI Inc
│ SERIES: PRD15 │ DESCRIPTION: DC-DC CONVERTER
DERATING CURVES
Model
Input (Vdc)
Direction of airflow
Airflow
PRD15-Q24-S3
12/24
Inputtooutput
Natural Convection
PRD15-Q24-S5
24
Inputtooutput
0.33m/s(65LFM)
PRD15-Q24-S12
24
Inputtooutput
0.33m/s(65LFM)
PRD15-Q24-S15
12/24
Inputtooutput
Natural Convection
PRD15-Q48-S5
24/48
Inputtooutput
Natural Convection
PRD15-Q48-S12
24/48
Pin 2 to Pin 1
Natural Convection
PRD15-Q48-S15
24/48
Inputtooutput
Natural Convection
100
95
90
85
80
Ambient Temperature (°C)
-40-20
02060
85 90
0
~~
70
80
Natural Convection
0.5 m/s (100 LFM)
1.0 m/s (200 LFM)
1.5 m/s (300 LFM)
PRD15-Q48-S3 Derating Curves @ Sea Level
(Vin=24,airflowfrominputtooutput)
100
95
90
85
80
Ambient Temperature (°C)
-40-20
02060
85 90
0
~~
70
80
Natural Convection
0.5 m/s (100 LFM)
1.0 m/s (200 LFM)
1.5 m/s (300 LFM)
2.0 m/s (400 LFM)
PRD15-Q48-S3 Derating Curves @ Sea Level
(Vin=48,airflowfrominputtooutput)
Table 1
100
95
90
85
80
Ambient Temperature (°C)
-40-20
02060
85 90
0
~~
70
80
See Table 1 for conditions
All other models, Derating Curves @ Sea Level
(SeeconditionsinTable1)
For more information, please visit the product page.


Similar Part No. - PRD15-Q48-S15

ManufacturerPart #DatasheetDescription
logo
CUI INC
PRD15-Q48-S15 CUI-PRD15-Q48-S15 Datasheet
840Kb / 14P
   DC-DC CONVERTER
More results

Similar Description - PRD15-Q48-S15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com