Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJ2N60F-LI Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # NJ2N60F-LI
Description  2.0A 600V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

NJ2N60F-LI Datasheet(HTML) 2 Page - Nanjing International Group Co

  NJ2N60F-LI Datasheet HTML 1Page - Nanjing International Group Co NJ2N60F-LI Datasheet HTML 2Page - Nanjing International Group Co NJ2N60F-LI Datasheet HTML 3Page - Nanjing International Group Co NJ2N60F-LI Datasheet HTML 4Page - Nanjing International Group Co NJ2N60F-LI Datasheet HTML 5Page - Nanjing International Group Co NJ2N60F-LI Datasheet HTML 6Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS (TC = 25° , unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
600
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 2)
IAR
2.0
A
Drain Current
Continuous
ID
2.0
A
Pulsed (Note 2)
IDM
8.0
A
Avalanche Energy
Single Pulsed
(Note 3)
2N60
EAS
140
mJ
Repetitive (Note 2)
EAR
4.5
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
Power Dissipation
TO-220
PD
TC = 25°
54
W
TO-220F
TO-251
TO-252
40
W
22
W
Junction Temperature
TJ
+150
°
Operating Temperature
TOPR
-55 ~ +150
°
Storage Temperature
TSTG
-55 ~ +150
°
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by TJ
3. L=64mH, IAS=2.0A, VDD=50V, RG=25
, Starting TJ = 25°C
4. ISD 2.4A, di/dt 200A/ s, VDD
BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
PACKAGE
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220
JA
62.5
° /W
TO-220F
/W
TO-251
TO-252
100
° /W
Junction to Case
TO-220
Jc
2.32
° /W
TO-220F
5.5
° /W
TO-251
TO-252
2.87
° /W
NJ2N60 POWER MOSFET
62.5
°


Similar Part No. - NJ2N60F-LI

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
NJ2N60F-LI DGNJDZ-NJ2N60F-LI Datasheet
833Kb / 6P
   2.0A 600V N-CHANNEL POWER MOSFET
More results

Similar Description - NJ2N60F-LI

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
NJ2N60 DGNJDZ-NJ2N60_V01 Datasheet
833Kb / 6P
   2.0A 600V N-CHANNEL POWER MOSFET
logo
KIA Semiconductor Techn...
2N60H KIA-2N60H Datasheet
344Kb / 6P
   2.0A, 600V N-CHANNEL MOSFET
logo
Tak Cheong Electronics ...
TFP2N60 TAK_CHEONG-TFP2N60 Datasheet
332Kb / 7P
   N-Channel Power MOSFET 2.0A, 600V, 4.6廓
logo
HY ELECTRONIC CORP.
HY2N60D HY-HY2N60D Datasheet
189Kb / 4P
   600V / 2.0A N-Channel Enhancement Mode MOSFET
HY2N60T HY-HY2N60T Datasheet
129Kb / 4P
   600V / 2.0A N-Channel Enhancement Mode MOSFET
logo
Nanjing International G...
NJ2N65 DGNJDZ-NJ2N65 Datasheet
625Kb / 6P
   2.0A 650V N-CHANNEL POWER MOSFET
logo
DIYI Electronic Technol...
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
   600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
   600V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM4NB60 TSC-TSM4NB60_13 Datasheet
575Kb / 11P
   600V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com