Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJ4N80D-TR Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # NJ4N80D-TR
Description  4.0A 800V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

NJ4N80D-TR Datasheet(HTML) 2 Page - Nanjing International Group Co

  NJ4N80D-TR Datasheet HTML 1Page - Nanjing International Group Co NJ4N80D-TR Datasheet HTML 2Page - Nanjing International Group Co NJ4N80D-TR Datasheet HTML 3Page - Nanjing International Group Co NJ4N80D-TR Datasheet HTML 4Page - Nanjing International Group Co NJ4N80D-TR Datasheet HTML 5Page - Nanjing International Group Co NJ4N80D-TR Datasheet HTML 6Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
800
V
Gate-Source Voltage
VGSS
±30
V
Drain Current
Continuous
ID
4.0
A
Pulsed (Note 2)
IDM
16
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
460
mJ
Repetitive (Note 2)
EAR
13
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.0
V/ns
Power Dissipation
TO-220
PD
106
W
TO-220F
36
W
TO-252
50
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature
3. L=57mH, IAS=4A, VDD= 50V, RG=25 , Starting TJ=25°C
4. ISD 4A, di/dt 200A/ s, VDD BVDSS, Starting TJ=25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220
TO-220F
JA
62.5
°C/W
TO-252
110
°C/W
Junction to Case
TO-220
JC
1.18
°C/W
TO-220F
3.47
°C/W
TO-252
2.5
°C/W
NJ4N80 POWER MOSFET
TO-251
50
W
TO-251
110
°C/W
TO-251
2.5
°C/W


Similar Part No. - NJ4N80D-TR

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
NJ4N60 DGNJDZ-NJ4N60 Datasheet
1Mb / 4P
   4.0A 600V N-CHANNEL POWER MOSFET
NJ4N60 DGNJDZ-NJ4N60 Datasheet
945Kb / 7P
   4.0A 600V N-CHANNEL POWER MOSFET
NJ4N60-BL DGNJDZ-NJ4N60-BL Datasheet
1Mb / 4P
   4.0A 600V N-CHANNEL POWER MOSFET
NJ4N60-BL DGNJDZ-NJ4N60-BL Datasheet
945Kb / 7P
   4.0A 600V N-CHANNEL POWER MOSFET
NJ4N60-LI DGNJDZ-NJ4N60-LI Datasheet
1Mb / 4P
   4.0A 600V N-CHANNEL POWER MOSFET
More results

Similar Description - NJ4N80D-TR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N80 UTC-4N80_12 Datasheet
201Kb / 6P
   4.0A, 800V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ4N65 DGNJDZ-NJ4N65 Datasheet
863Kb / 7P
   4.0A 650V N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
4N90C UTC-4N90C Datasheet
197Kb / 5P
   4.0A, 900V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ4N60 DGNJDZ-NJ4N60 Datasheet
1Mb / 4P
   4.0A 600V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM10N80 TSC-TSM10N80 Datasheet
497Kb / 10P
   800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80_13 Datasheet
573Kb / 12P
   800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80 Datasheet
526Kb / 12P
   800V N-Channel Power MOSFET
logo
First Components Intern...
IRF4N60FP FCI-IRF4N60FP Datasheet
457Kb / 3P
   4.0A 600V N CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ4N60 DGNJDZ-NJ4N60_V01 Datasheet
945Kb / 7P
   4.0A 600V N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF4N60 FCI-IRF4N60 Datasheet
127Kb / 3P
   4.0A 600V N CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com