Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJ5N65 Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # NJ5N65
Description  5.0A 650V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

NJ5N65 Datasheet(HTML) 3 Page - Nanjing International Group Co

  NJ5N65 Datasheet HTML 1Page - Nanjing International Group Co NJ5N65 Datasheet HTML 2Page - Nanjing International Group Co NJ5N65 Datasheet HTML 3Page - Nanjing International Group Co NJ5N65 Datasheet HTML 4Page - Nanjing International Group Co NJ5N65 Datasheet HTML 5Page - Nanjing International Group Co NJ5N65 Datasheet HTML 6Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS =0V, ID = 250 A
650
V
Drain-Source Leakage Current
IDSS
VDS =650V, VGS = 0V
1
A
Forward
VGS =30V, VDS = 0V
100
Gate-Source Leakage Current
Reverse
IGSS
VGS =-30V, VDS = 0V
-100
nA
Breakdown Voltage Temperature
Coefficient
BVDSS/
TJ ID =250 A, Referenced to 25
0.6
V/
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS =VGS, ID = 250 A
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS =10V, ID = 2.25A
2.0
2.5
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
515
670
pF
Output Capacitance
COSS
55
72
pF
Reverse Transfer Capacitance
CRSS
VDS = 25V, VGS = 0V,
f = 1.0MHz
6.5
8.5
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
10
30
ns
Turn-On Rise Time
tR
42
90
ns
Turn-Off Delay Time
tD(OFF)
38
85
ns
Turn-Off Fall Time
tF
VDD = 325V, ID =4.5 A,
RG = 25
(Note 1, 2)
46
100
ns
Total Gate Charge
QG
15
19
nC
Gate-Source Charge
QGS
2.5
nC
Gate-Drain Charge
QGD
VDS = 520 V, ID = 4.5A,
VGS = 10 V (Note 1, 2)
6.6
nC
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Drain-Source Diode Forward Voltage
VSD
VGS = 0 V, IS = 4.5 A
1.4
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
4.5
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
18
A
Reverse Recovery Time
tRR
300
ns
Reverse Recovery Charge
QRR
VGS = 0 V, IS = 4.5 A,
dIF / dt = 100 A/ s (Note 1)
2.2
C
Note 1. Pulse Test: Pulse width
300 s, Duty cycle
2%
2. Essentially independent of operating temperature
NJ5N65 POWER MOSFET


Similar Part No. - NJ5N65

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
NJ5N60 DGNJDZ-NJ5N60 Datasheet
673Kb / 6P
   5.0A 600V N-CHANNEL POWER MOSFET
More results

Similar Description - NJ5N65

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
NJ5N60 DGNJDZ-NJ5N60 Datasheet
673Kb / 6P
   5.0A 600V N-CHANNEL POWER MOSFET
NJ5N80 DGNJDZ-NJ5N80 Datasheet
551Kb / 5P
   5.0A 800V N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
UT9971P UTC-UT9971P Datasheet
213Kb / 4P
   5.0A, 60V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
   650V N-Channel Power MOSFET
logo
Microdiode Electronics ...
10N65F CHENDA-10N65F Datasheet
527Kb / 4P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
   650V N-Channel Power MOSFET
7N65 DYELEC-7N65 Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
8N65 DYELEC-8N65 Datasheet
1Mb / 9P
   650V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM12N65 TSC-TSM12N65 Datasheet
474Kb / 8P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
4N65 DYELEC-4N65 Datasheet
2Mb / 10P
   650V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com