Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJ5N65D-TR Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # NJ5N65D-TR
Description  5.0A 650V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

NJ5N65D-TR Datasheet(HTML) 1 Page - Nanjing International Group Co

  NJ5N65D-TR Datasheet HTML 1Page - Nanjing International Group Co NJ5N65D-TR Datasheet HTML 2Page - Nanjing International Group Co NJ5N65D-TR Datasheet HTML 3Page - Nanjing International Group Co NJ5N65D-TR Datasheet HTML 4Page - Nanjing International Group Co NJ5N65D-TR Datasheet HTML 5Page - Nanjing International Group Co NJ5N65D-TR Datasheet HTML 6Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SYMBOL
ORDERING INFORMATION
Pin Assignment
1
2
3
Packing
NJ5N65-LI
TO-
220
NJ5N65-BL
TO-
220
NJ5N65F-LI
G
D
S
Tube
NJ5N65A-LI
NJ5N65D-TR
TO-252
NJ5N65D-LI
TO-252
Note: Pin Assignment: G: Gate D: Drain S: Source
G
D
S
Tube
Package
Ordering Number
G
D
S
T
ape Ree
G
D
S
T
ape Box
G
D
S
Bulk
G
D
S
Tube
TO-
251
1
1
1
1
TO-220
TO-2
51
TO-2
52
5.0A 650V N-CHANNEL POWER MOSFET
NJ5N65 POWER MOSFET
TO-220
F
TO-220
F
DESCRIPTION
The
NJ5N65 is a high voltage MOSFET and is designed to
have better characteristics, such as fast switching time, low gate
charge, low on-state resistance and have a high rugged
avalanche characteristics. This power MOSFET is usually used at
high speed switching applications in power supplies, PWM motor
controls, high efficient DC to DC converters and bridge circuits.
FEATURES
* VDS = 6
50V
* ID =
5.0A
* RDS(ON) =
2.5Ω@VGS = 10V.
* Ultra Low gate charge (typical
15nC)
* Low reverse transfer capacitance (CRSS = typical
6.5 pF)
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness


Similar Part No. - NJ5N65D-TR

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
NJ5N60 DGNJDZ-NJ5N60 Datasheet
673Kb / 6P
   5.0A 600V N-CHANNEL POWER MOSFET
More results

Similar Description - NJ5N65D-TR

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
NJ5N60 DGNJDZ-NJ5N60 Datasheet
673Kb / 6P
   5.0A 600V N-CHANNEL POWER MOSFET
NJ5N80 DGNJDZ-NJ5N80 Datasheet
551Kb / 5P
   5.0A 800V N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
UT9971P UTC-UT9971P Datasheet
213Kb / 4P
   5.0A, 60V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
   650V N-Channel Power MOSFET
logo
Microdiode Electronics ...
10N65F CHENDA-10N65F Datasheet
527Kb / 4P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
   650V N-Channel Power MOSFET
7N65 DYELEC-7N65 Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
8N65 DYELEC-8N65 Datasheet
1Mb / 9P
   650V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM12N65 TSC-TSM12N65 Datasheet
474Kb / 8P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
4N65 DYELEC-4N65 Datasheet
2Mb / 10P
   650V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com