Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJ7N80F-LI Datasheet(PDF) 4 Page - Nanjing International Group Co

Part # NJ7N80F-LI
Description  7.0A 800V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

NJ7N80F-LI Datasheet(HTML) 4 Page - Nanjing International Group Co

  NJ7N80F-LI Datasheet HTML 1Page - Nanjing International Group Co NJ7N80F-LI Datasheet HTML 2Page - Nanjing International Group Co NJ7N80F-LI Datasheet HTML 3Page - Nanjing International Group Co NJ7N80F-LI Datasheet HTML 4Page - Nanjing International Group Co NJ7N80F-LI Datasheet HTML 5Page - Nanjing International Group Co NJ7N80F-LI Datasheet HTML 6Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TEST CIRCUITS AND WAVEFORMS
50k
300nF
DUT
VDS
10V
12V
Charge
QGS
QGD
QG
VGS
VGS
200nF
Same Type
as DUT
3mA
Gate Charge Test Circuit
Gate Charge Waveforms
Resistive Switching Test Circuit
Resistive Switching Waveforms
10V
tP
RG
DUT
L
VDS
ID
VDD
tP
VDD
IAS
BVDSS
ID(t)
VDS(t)
Time
EAS= 2
1
LIAS
2
BVDSS
BVDSS-VDD
Unclamped Inductive Switching Test Circuit
Unclamped Inductive Switching Waveforms
NJ7N80 POWER MOSFET


Similar Part No. - NJ7N80F-LI

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
NJ7N60 DGNJDZ-NJ7N60 Datasheet
931Kb / 7P
   7.4A 600V N-CHANNEL POWER MOSFET
NJ7N60-BL DGNJDZ-NJ7N60-BL Datasheet
931Kb / 7P
   7.4A 600V N-CHANNEL POWER MOSFET
NJ7N60-LI DGNJDZ-NJ7N60-LI Datasheet
931Kb / 7P
   7.4A 600V N-CHANNEL POWER MOSFET
NJ7N60F-LI DGNJDZ-NJ7N60F-LI Datasheet
931Kb / 7P
   7.4A 600V N-CHANNEL POWER MOSFET
NJ7N65 DGNJDZ-NJ7N65 Datasheet
1,000Kb / 9P
   7.0A 650V N-CHANNEL POWER MOSFET
More results

Similar Description - NJ7N80F-LI

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N75 UTC-7N75 Datasheet
177Kb / 6P
   7.0A, 750V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ7N65 DGNJDZ-NJ7N65 Datasheet
1,000Kb / 9P
   7.0A 650V N-CHANNEL POWER MOSFET
logo
KIA Semiconductor Techn...
7N60H KIA-7N60H Datasheet
280Kb / 6P
   7.0A,600V N-CHANNEL MOSFET
logo
Will Semiconductor Ltd.
WNMD2158 WILLSEMI-WNMD2158 Datasheet
2Mb / 8P
   Dual N-Channel, 20V, 7.0A, Power MOSFET
WNMD2172 WILLSEMI-WNMD2172 Datasheet
1Mb / 8P
   Dual N-Channel, 20V, 7.0A, Power MOSFET
logo
Taiwan Semiconductor Co...
TSM10N80 TSC-TSM10N80 Datasheet
497Kb / 10P
   800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80_13 Datasheet
573Kb / 12P
   800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80 Datasheet
526Kb / 12P
   800V N-Channel Power MOSFET
TSM10N80 TSC-TSM10N80_14 Datasheet
417Kb / 8P
   800V N-Channel Power MOSFET
logo
Unisonic Technologies
10N80 UTC-10N80 Datasheet
199Kb / 6P
   800V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com