Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1351281 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 1351281
Description  RG-8/U type, 13 AWG stranded (7x21) .085 bare copper conductor, polyethylene insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1351281 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  1351281 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1351281 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1351281 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
400
320
1000
180
Max. Operating Voltage - Non-UL:
Voltage
3700 V RMS
Related Documents:
No related documents are available for this product
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
8237 010100
30 MT
6.169 KG
BLACK
C
RG-8/U JAN-C-17A COAX
8237 0101000
305 MT
51.710 KG
BLACK
C
RG-8/U JAN-C-17A COAX
8237 010500
152 MT
26.308 KG
BLACK
C
RG-8/U JAN-C-17A COAX
Notes:
C = CRATE REEL PUT-UP.
Revision Number: 2
Revision Date: 04-07-2010
© 2011 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for
determining the applicability of legislation and regulations based on their individual usage of the product.
Page 3 of 3
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
8237 Coax - RG-8/U Type


Similar Part No. - 1351281

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1351267 ETC2-1351267 Datasheet
95Kb / 2P
   EPDM high temperature lead wire
1351271 ETC2-1351271 Datasheet
102Kb / 3P
   22 AWG solid tinned copper conductors, twisted pairs, Datalene insulation
1351272 ETC2-1351272 Datasheet
108Kb / 4P
   24 AWG Bonded-Pairs stranded (7x32) tinned copper conductors, polyolefin insulation
1351274 ETC2-1351274 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1351277 ETC2-1351277 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene짰 insulation, twisted pairs individually Beldfoil
More results

Similar Description - 1351281

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8267 ETC2-8267 Datasheet
100Kb / 3P
   13 AWG stranded (7x21) .089 bare copper conductor, polyethylene insulation
1351787 ETC2-1351787 Datasheet
99Kb / 3P
   RG-8/U type, 11 AWG stranded (7x19) .108 bare copper conductor, foam polyethylene insulation
1344804 ETC2-1344804 Datasheet
100Kb / 3P
   RG-58A/U type, 20 AWG solid .033 bare copper conductor, polyethylene insulation
1347100 ETC2-1347100 Datasheet
98Kb / 3P
   RG-58/U type, 20 AWG solid .033 bare copper conductor, polyethylene insulation
9913 ETC2-9913 Datasheet
30Kb / 3P
   RG-8/U type, 10 AWG solid .108 bare copper conductor, semi-solid polyethylene insulation
8259 ETC2-8259 Datasheet
102Kb / 3P
   RG-58A/U type, 20 AWG stranded (19x33) .035 tinned copper conductor, polyethylene insulation
1346975 ETC2-1346975 Datasheet
100Kb / 3P
   RG-58A/U type, 20 AWG stranded (19x33) .035 tinned copper conductor, polyethylene insulation
28446 ETC2-28446 Datasheet
32Kb / 3P
   RG-58A/U type, 20 AWG stranded (7x28) .037 tinned copper conductor, polyethylene insulation
1351783 ETC2-1351783 Datasheet
100Kb / 3P
   23 AWG stranded (7x32) .023 bare compacted copper conductor, polyethylene insulation,
1345000 ETC2-1345000 Datasheet
98Kb / 3P
   22 AWG stranded (7x30) .030 bare copper conductor, foam polyethylene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com