Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1351314 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1351314
Description  22 AWG stranded (7x30) tinned copper conductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1351314 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1351314 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1351314 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1351314 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Lay Length (cm) Twists/ft. (twist/m)
2.794
11
Mechanical Characteristics (Overall)
Operating Temperature Range:
-30°C To +80°C
UL Temperature Rating:
80°C (UL AWM Style 2464)
Bulk Cable Weight:
260.435 Kg/Km
Max. Recommended Pulling Tension:
1690.320 N
Min. Bend Radius (Install)/Minor Axis:
137.160 mm
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CMG
CEC/C(UL) Specification:
CMG
AWM Specification:
UL Style 2464 (300 V 80°C)
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
10/01/2005
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flame Test
C(UL) Flame Test:
FT4
Plenum/Non-Plenum
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
70
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/m)
114.835
Nom. Capacitance Cond. to Other Conductor & Shield:
Capacitance (pF/m)
206.703
Nominal Velocity of Propagation:
VP (%)
60
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/km)
49.215
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/km)
9.843
Max. Operating Voltage - UL:
Voltage
Page 2 of 3
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
8318 Multi-Conductor - Low Capacitance Computer Cable for EIA RS-232 Applications


Similar Part No. - 1351314

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1351316 ETC2-1351316 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors
1351319 ETC2-1351319 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors
More results

Similar Description - 1351314

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3105A ETC2-3105A Datasheet
100Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
1345997 ETC2-1345997 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
1346239 ETC2-1346239 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
33441 ETC2-33441 Datasheet
38Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
1346355 ETC2-1346355 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
1351299 ETC2-1351299 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
3106A ETC2-3106A Datasheet
102Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
8723NH ETC2-8723NH Datasheet
113Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
28473 ETC2-28473 Datasheet
34Kb / 4P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
1344818 ETC2-1344818 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, PVC insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com