Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8302 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 8302
Description  22 AWG stranded (7x30) tinned copper conductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8302 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  8302 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8302 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8302 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
Description:
22 AWG stranded (7x30) tinned copper conductors, semi-rigid PVC insulation, twisted pairs, overall
Beldfoil® (100% coverage) + tinned copper braid shield (65% coverage), PVC jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Pairs AWG Stranding Conductor Material
2
22
7x30
TC - Tinned Copper
Insulation
Insulation Material:
Insulation Material
S-R PVC - Semi-Rigid Polyvinyl Chloride
Outer Shield
Outer Shield Material:
Layer # Outer Shield Trade Name Type Outer Shield Material
Coverage (%)
1
Beldfoil®
Tape Aluminum Foil-Polyester Tape 100
2
Braid TC - Tinned Copper
65
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
PVC - Polyvinyl Chloride
Overall Cabling
Overall Nominal Diameter:
7.112 mm
Pair
Pair Color Code Chart:
Number Color
1
Black & Red
2
Black & White
Pair Lay Length & Direction:
Lay Length (mm) Twists/ft. (twist/m)
20.31992
45.934
Mechanical Characteristics (Overall)
Operating Temperature Range:
-30°C To +80°C
UL Temperature Rating:
80°C (UL AWM Style 2464)
Bulk Cable Weight:
58.040 Kg/Km
Min. Bend Radius (Install)/Minor Axis:
69.850 mm
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CMG
CEC/C(UL) Specification:
CMG
Page 1 of 3
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
8302 Multi-Conductor - Low Capacitance Computer Cable for EIA RS-232 Applications


Similar Part No. - 8302

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8302 IDT-8302 Datasheet
102Kb / 10P
   LVCMOS / LVTTL Fanout Buffer
logo
Belden Inc.
8302 BELDEN-8302 Datasheet
246Kb / 2P
   RS-232, Low Cap, #22-2pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
logo
Renesas Technology Corp
8302-01 RENESAS-8302-01 Datasheet
301Kb / 11P
   Low Skew, 1-to-2 LVCMOS / LVTTL Fanout Buffer W/ Complementary Output
Revision A March 7, 2016
logo
RAF ELECTRONIC HARDWARE
8302-1032-A RAF-8302-1032-A Datasheet
133Kb / 1P
   OFFSET ROUND INTERNAL THREAD HANDLE
logo
Molex Electronics Ltd.
8302-3 MOLEX11-8302-3 Datasheet
19Kb / 1P
   Insulation Punch
More results

Similar Description - 8302

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3105A ETC2-3105A Datasheet
100Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
1345997 ETC2-1345997 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
1346239 ETC2-1346239 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
1351314 ETC2-1351314 Datasheet
100Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
33441 ETC2-33441 Datasheet
38Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
1346355 ETC2-1346355 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
3106A ETC2-3106A Datasheet
102Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
8723NH ETC2-8723NH Datasheet
113Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
28473 ETC2-28473 Datasheet
34Kb / 4P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
1344818 ETC2-1344818 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, PVC insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com