Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3394 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF3394
Description  GENERAL PURPOSE AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3394 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF3394_08 Datasheet HTML 4Page - RF Micro Devices RF3394_08 Datasheet HTML 5Page - RF Micro Devices RF3394_08 Datasheet HTML 6Page - RF Micro Devices RF3394_08 Datasheet HTML 7Page - RF Micro Devices RF3394_08 Datasheet HTML 8Page - RF Micro Devices RF3394_08 Datasheet HTML 9Page - RF Micro Devices RF3394_08 Datasheet HTML 10Page - RF Micro Devices RF3394_08 Datasheet HTML 11Page - RF Micro Devices RF3394_08 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11 of 12
RF3394
Rev A14 DS070226
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RoHS Compliant:
Yes
Package total weight in grams (g):
0.023
Compliance Date Code:
0512
Bill of Materials Revision:
A
Pb Free Category:
e3
Pb
Cd
Hg
Cr VI
PB B
PB DE
Di e
0000
00
Mo l di ng Co mpo und
0000
00
Le ad F r ame
0000
00
Di e Attach Epo x y
0000
00
Wi r e
0000
00
Sol de r Pl ati ng
0000
00
* DIRECTIVE 2002/95/EC OF THE EUROPEAN PARLIAMENT AND OF THE COUNCIL of 27 January 2003 on the restriction of the
use of certain hazardous substances in electrical and electronic equipment
RoHS* Banned Material Content
B i ll o f Mate r i al s
Par ts Pe r Mi l l i on (PPM)
This R o HS banne d material co ntent de cl ar atio n was pr e par ed sol ely o n info r mation, incl uding anal y tical
data, pr o vi ded to R F MD by i ts suppl i e r s, and appl i e s to the B i l l o f Mate r i al s (B OM) r e vi si o n note d


Similar Part No. - RF3394_08

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3394PCBA RFMD-RF3394PCBA Datasheet
163Kb / 10P
   GENERAL PURPOSE AMPLIFIER
More results

Similar Description - RF3394_08

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2046 RFMD-RF2046_07 Datasheet
104Kb / 8P
   GENERAL PURPOSE AMPLIFIER
RF2043 RFMD-RF2043 Datasheet
68Kb / 6P
   GENERAL PURPOSE AMPLIFIER
RF2047 RFMD-RF2047 Datasheet
68Kb / 6P
   GENERAL PURPOSE AMPLIFIER
RF2307 RFMD-RF2307 Datasheet
59Kb / 4P
   GENERAL PURPOSE AMPLIFIER
RF2308 RFMD-RF2308 Datasheet
59Kb / 4P
   GENERAL PURPOSE AMPLIFIER
RF2334 RFMD-RF2334_03 Datasheet
177Kb / 8P
   GENERAL PURPOSE AMPLIFIER
logo
KODENSHI_AUK CORP.
KSD-T6O038-001 KODENSHI-KSD-T6O038-001 Datasheet
345Kb / 6P
   General purpose amplifier
2N5401 KODENSHI-2N5401 Datasheet
256Kb / 5P
   General purpose amplifier
SBT5401F KODENSHI-SBT5401F Datasheet
267Kb / 5P
   General purpose amplifier
logo
RF Micro Devices
RF2044A RFMD-RF2044A Datasheet
147Kb / 8P
   GENERAL PURPOSE AMPLIFIER
RF3396 RFMD-RF3396 Datasheet
160Kb / 10P
   GENERAL PURPOSE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com