Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMC20 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # ZMC20
Description  Silicon Epitaxial Planar Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

ZMC20 Datasheet(HTML) 2 Page - Nanjing International Group Co

  ZMC20 Datasheet HTML 1Page - Nanjing International Group Co ZMC20 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZMC1…ZMC75
Characteristics at Ta = 25 OC
Zener Voltage
1)
Dynamic Resistance
Reverse Leakage Current
VZnom
VZT
at IZT
ZZT
ZZK
at IZK
Ta = 25 OCTa = 125
oC
at VR
Temp coefficient
of Zener Voltage
Type
(V)
(V)
(mA)
Max. (Ω)Max. (Ω)
(mA)
Max. (µA)
Max. (µA)
(V)
TKvz (%/K)
ZMC1
2)
0.75
0.7…0.8
5
8
50
1
-
-
-
-0.26…-0.23
ZMC2V0
2
1.8…2.15
5
85
600
1
100
200
1
-0.09…-0.06
ZMC2V2
2.2
2.08…2.33
5
85
600
1
75
160
1
-0.09…-0.06
ZMC2V4
2.4
2.28…2.56
5
85
600
1
50
100
1
-0.09…-0.06
ZMC2V7
2.7
2.5…2.9
5
85
600
1
10
50
1
-0.09…-0.06
ZMC3V0
3
2.8…3.2
5
85
600
1
4
40
1
-0.08…-0.05
ZMC3V3
3.3
3.1…3.5
5
85
600
1
2
40
1
-0.08…-0.05
ZMC3V6
3.6
3.4…3.8
5
85
600
1
2
40
1
-0.08…-0.05
ZMC3V9
3.9
3.7…4.1
5
85
600
1
2
40
1
-0.08…-0.05
ZMC4V3
4.3
4…4.6
5
75
600
1
1
20
1
-0.06…-0.03
ZMC4V7
4.7
4.4…5
5
60
600
1
0.5
10
1
-0.05…+0.02
ZMC5V1
5.1
4.8…5.4
5
35
550
1
0.1
2
1
-0.02…+0.02
ZMC5V6
5.6
5.2…6
5
25
450
1
0.1
2
1
-0.05…+0.05
ZMC6V2
6.2
5.8…6.6
5
10
200
1
0.1
2
2
0.03…0.06
ZMC6V8
6.8
6.4…7.2
5
8
150
1
0.1
2
3
0.03…0.07
ZMC7V5
7.5
7…7.9
5
7
50
1
0.1
2
5
0.03…0.07
ZMC8V2
8.2
7.7…8.7
5
7
50
1
0.1
2
6.2
0.03…0.08
ZMC9V1
9.1
8.5…9.6
5
10
50
1
0.1
2
6.8
0.03…0.09
ZMC10
10
9.4…10.6
5
15
70
1
0.1
2
7.5
0.03…0.1
ZMC11
11
10.4…11.6
5
20
70
1
0.1
2
8.2
0.03…0.11
ZMC12
12
11.4…12.7
5
20
90
1
0.1
2
9.1
0.03…0.11
ZMC13
13
12.4…14.1
5
26
110
1
0.1
2
10
0.03…0.11
ZMC15
15
13.8…15.6
5
30
110
1
0.1
2
11
0.03…0.11
ZMC16
16
15.3…17.1
5
40
170
1
0.1
2
12
0.03…0.11
ZMC18
18
16.8…19.1
5
50
170
1
0.1
2
13
0.03…0.11
ZMC20
20
18.8…21.2
5
55
220
1
0.1
2
15
0.03…0.11
ZMC22
22
20.8…23.3
5
55
220
1
0.1
2
16
0.04…0.12
ZMC24
24
22.8…25.6
5
80
220
1
0.1
2
18
0.04…0.12
ZMC27
27
25.1…28.9
5
80
220
1
0.1
2
20
0.04…0.12
ZMC30
30
28…32
5
80
220
1
0.1
2
22
0.04…0.12
ZMC33
33
31…35
5
80
220
1
0.1
2
24
0.04…0.12
ZMC36
36
34…38
5
80
220
1
0.1
2
27
0.04…0.12
ZMC39
39
37…41
2.5
90
500
0.5
0.1
5
30
0.04…0.12
ZMC43
43
40…46
2.5
90
500
0.5
0.1
5
33
0.04…0.12
ZMC47
47
44…50
2.5
110
600
0.5
0.1
5
36
0.04…0.12
ZMC51
51
48…54
2.5
125
700
0.5
0.1
10
39
0.04…0.12
ZMC56
56
52…60
2.5
135
700
0.5
0.1
10
43
0.04…0.12
ZMC62
62
58…66
2.5
150
1000
0.5
0.1
10
47
0.04…0.12
ZMC68
68
64…72
2.5
200
1000
0.5
0.1
10
51
0.04…0.12
ZMC75
75
70…79
2.5
250
1000
0.5
0.1
10
56
0.04…0.12
1) Tested with pulse tp = 20 ms.
2) The ZMC1 is a silicon diode with operation in forward direction. Hence, the index of all parameters should be "F" instead of "Z". Connect the cathode
electrode to the negative pole.


Similar Part No. - ZMC20

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMC20 ZETEX-ZMC20 Datasheet
18Kb / 2P
   Current Sensor
logo
Diotec Semiconductor
ZMC20 DIOTEC-ZMC20 Datasheet
50Kb / 2P
   Surface mount Zener Diodes
logo
Zetex Semiconductors
ZMC20 ZETEX-ZMC20 Datasheet
230Kb / 2P
   Current Sensor
logo
Diotec Semiconductor
ZMC20 DIOTEC-ZMC20 Datasheet
93Kb / 2P
   Surface mount Silicon Planar Zener Diodes
ZMC20 DIOTEC-ZMC20 Datasheet
91Kb / 2P
   Surface mount Silicon Planar Zener Diodes
More results

Similar Description - ZMC20

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
2V2BC SEMTECH_ELEC-2V2BC Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
logo
Nanjing International G...
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
BTZS4678 SEMTECH_ELEC-BTZS4678 Datasheet
292Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZX83C SEMTECH_ELEC-BZX83C Datasheet
162Kb / 2P
   SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
logo
Semtech Corporation
ZM-PTZ10B SEMTECH-ZM-PTZ10B Datasheet
286Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX55T2V4 SEMTECH_ELEC-BZX55T2V4 Datasheet
255Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZT55C2V4 SEMTECH_ELEC-BZT55C2V4 Datasheet
312Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZT-RLZ2V2A SEMTECH_ELEC-BZT-RLZ2V2A Datasheet
300Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
Nanjing International G...
HZ DGNJDZ-HZ Datasheet
92Kb / 4P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
MTZ2V0 SEMTECH_ELEC-MTZ2V0 Datasheet
212Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com