Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5385B Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # 1N5385B
Description  Silicon-Power-Z-Diodes (non-planar technology)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

1N5385B Datasheet(HTML) 2 Page - Diotec Semiconductor

  1N5385B Datasheet HTML 1Page - Diotec Semiconductor 1N5385B Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Notes see previous page – Fußnoten siehe vorhergehende Seite
231
01.10.2002
1N 5345B … 1N 5388B (5 W)
Maximum ratings
Grenzwerte
Type
Typ
Z-voltage 2)
Z-Spanng.2)
I
Z = IZtest
V
Z [V]
Test
current
Meßstrom
I
Ztest [mA]
Dynamic resistance
Inhär. diff. Widerst.
I
Z = Iztest
I
Z = 1 mA
r
zj [
S]
Reverse volt.
Sperrspanng.
I
R = 0.5
:A
V
R [V]
Surge current
Stoßstrom
t
p = 8.3 ms
I
ZS [A]
Z-current 1)
Z-Strom 1)
T
A = 50
/C
I
Zmax [mA]
1N 5345B
8.7
150
2
200
> 6.6 (10
:A)
9.5
546
1N 5346B
9.1
150
2
150
> 6.9 (7.5
:A)
9.2
522
1N 5347B
10
125
2
125
> 7.6 (5
:A)
8.6
475
1N 5348B
11
125
2.5
125
> 8.4 (5
:A)
8.0
432
1N 5349B
12
100
2.5
125
> 9.1 (2
:A)
7.5
396
1N 5350B
13
100
2.5
100
> 9.9 (1
:A)
7.0
365
1N 5351B
14
100
2.5
75
> 10.6 (1
:A)
6.7
339
1N 5352B
15
75
2.5
75
> 11.5 (1
:A)
6.3
317
1N 5353B
16
75
2.5
75
> 12.2 (1
:A)
6.0
297
1N 5354B
17
70
2.5
75
> 12.9
5.8
279
1N 5355B
18
65
2.5
75
> 13.7
5.5
264
1N 5356B
19
65
3
75
> 14.4
5.3
250
1N 5357B
20
65
3
75
> 15.2
5.1
238
1N 5358B
22
50
3.5
75
> 16.7
4.7
216
1N 5359B
24
50
3.5
100
> 18.2
4.4
198
1N 5360B
25
50
4
110
> 19.0
4.3
190
1N 5361B
27
50
5
120
> 20.6
4.1
176
1N 5362B
28
50
6
130
> 21.2
3.9
170
1N 5363B
30
40
8
140
> 22.8
3.7
158
1N 5364B
33
40
10
150
> 25.1
3.5
144
1N 5365B
36
30
11
160
> 27.4
3.3
132
1N 5366B
39
30
14
170
> 29.7
3.1
122
1N 5367B
43
30
20
190
> 32.7
2.8
110
1N 5368B
47
25
25
210
> 35.8
2.7
101
1N 5369B
51
25
27
230
> 38.8
2.5
93
1N 5370B
56
20
35
280
> 42.6
2.3
85
1N 5371B
60
20
40
350
> 45.5
2.2
79
1N 5372B
62
20
42
400
> 47.1
2.1
77
1N 5373B
68
20
44
500
> 51.7
2.0
70
1N 5374B
75
20
45
620
> 56.0
1.9
63
1N 5375B
82
15
65
720
> 62.2
1.8
58
1N 5376B
87
15
75
760
> 66.0
1.7
55
1N 5377B
91
15
75
760
> 69.2
1.6
52
1N 5378B
100
12
90
800
> 76.0
1.5
48
1N 5379B
110
12
125
1000
> 83.6
1.4
43
1N 5380B
120
10
170
1150
> 91.2
1.3
40
1N 5381B
130
10
190
1250
> 98.8
1.2
37
1N 5382B
140
8
230
1500
> 106
1.2
34
1N 5383B
150
8
330
1500
> 114
1.1
32
1N 5384B
160
8
350
1650
> 122
1.1
30
1N 5385B
170
8
380
1750
> 129
1.0
28
1N 5386B
180
5
430
1750
> 137
1.0
26
1N 5387B
190
5
450
1850
< 144
0.9
25
1N 5388B
200
5
480
1850
> 152
0.9
24


Similar Part No. - 1N5385B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5385B MOTOROLA-1N5385B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Nanjing International G...
1N5385B DGNJDZ-1N5385B Datasheet
60Kb / 3P
   5 W Glass Passivated Zener Diode
logo
First Components Intern...
1N5385B FCI-1N5385B Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Frontier Electronics.
1N5385B FRONTIER-1N5385B Datasheet
135Kb / 3P
   5 WATT SILICON ZENER DIODE
logo
Pan Jit International I...
1N5385B PANJIT-1N5385B Datasheet
306Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE- 11 to 200 Volts Power - 5.0 Watts)
More results

Similar Description - 1N5385B

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BZV58C8V2 DIOTEC-BZV58C8V2 Datasheet
112Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
ZY1 DIOTEC-ZY1 Datasheet
111Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
ZPY1 DIOTEC-ZPY1 Datasheet
111Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
ZX10 DIOTEC-ZX10 Datasheet
114Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
ZX39 DIOTEC-ZX39 Datasheet
112Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
3EZ1 DIOTEC-3EZ1 Datasheet
112Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
ZY10B DIOTEC-ZY10B Datasheet
84Kb / 2P
   Silicon Power Z-Diodes (non-planar technology)
ZY10B DIOTEC-ZY10B_15 Datasheet
83Kb / 2P
   Silicon Power Z-Diodes (non-planar technology)
ZPY1 DIOTEC-ZPY1_11 Datasheet
152Kb / 3P
   Silicon-Power-Zener Diodes (non-planar technology)
ZY1 DIOTEC-ZY1_11 Datasheet
152Kb / 3P
   Silicon-Power-Zener Diodes (non-planar technology)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com