Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5622 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF5622
Description  LINEAR POWER AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5622 Datasheet(HTML) 9 Page - RF Micro Devices

  RF5622_11 Datasheet HTML 1Page - RF Micro Devices RF5622_11 Datasheet HTML 2Page - RF Micro Devices RF5622_11 Datasheet HTML 3Page - RF Micro Devices RF5622_11 Datasheet HTML 4Page - RF Micro Devices RF5622_11 Datasheet HTML 5Page - RF Micro Devices RF5622_11 Datasheet HTML 6Page - RF Micro Devices RF5622_11 Datasheet HTML 7Page - RF Micro Devices RF5622_11 Datasheet HTML 8Page - RF Micro Devices RF5622_11 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9 of 9
RF5622
DS110619
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
VCC=3.3V: EVM versus POUT
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0.0
5.0
10.0
15.0
20.0
Output Power (dBm)
Vcc=3.3V, 2400MHz
Vcc=3.3V, 2450MHz
Vcc=3.3V, 2500MHz
V
CC=2.8V: EVM versus POUT
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0.0
5.0
10.0
15.0
20.0
Output Power (dBm)
Vcc=3.3V, 2400MHz
Vcc=3.3V, 2450MHz
Vcc=3.3V, 2500MHz
Gain versus Frequency
POUT=+18dBm
25.0
26.0
27.0
28.0
29.0
30.0
31.0
32.0
2400.0
2425.0
2450.0
2475.0
2500.0
Frequency (MHz)
Vcc=3.3V
Vcc=2.8V
VCC=3.3V: ICC versus POUT
0.000
0.012
0.024
0.036
0.048
0.060
0.072
0.084
0.096
0.108
0.120
0.000
5.000
10.000
15.000
20.000
Output Power (dBm)
2400MHz
2450MHz
2500MHz
V
CC=2.8V: ICC versus POUT
0.000
0.012
0.024
0.036
0.048
0.060
0.072
0.084
0.096
0.108
0.120
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
Output Power (dBm)
2400MHz
2450MHz
2500MHz
P
DETECT versus POUT
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
Output Power (dBm)
2400MHz
2450MHz
2500MHz


Similar Part No. - RF5622_11

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5622PCBA-41X RFMD-RF5622PCBA-41X Datasheet
79Kb / 2P
   3.0V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF5622_11

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5117 RFMD-RF5117_11 Datasheet
285Kb / 13P
   LINEAR POWER AMPLIFIER
RF5125 RFMD-RF5125_11 Datasheet
842Kb / 15P
   LINEAR POWER AMPLIFIER
logo
M/A-COM Technology Solu...
MAAP-008516 MA-COM-MAAP-008516 Datasheet
277Kb / 6P
   Linear Power Amplifier
logo
RF Micro Devices
RF2132 RFMD-RF2132_06 Datasheet
131Kb / 6P
   LINEAR POWER AMPLIFIER
RF2132 RFMD-RF2132 Datasheet
110Kb / 6P
   LINEAR POWER AMPLIFIER
logo
M/A-COM Technology Solu...
XP1031-QK-AN0T MA-COM-XP1031-QK-AN0T Datasheet
559Kb / 5P
   Linear Power Amplifier
logo
RF Micro Devices
RF5152 RFMD-RF5152_11 Datasheet
216Kb / 10P
   LINEAR POWER AMPLIFIER
RF2137 RFMD-RF2137 Datasheet
54Kb / 4P
   LINEAR POWER AMPLIFIER
logo
Skyworks Solutions Inc.
AP172-317LF SKYWORKS-AP172-317LF Datasheet
216Kb / 6P
   Linear Power Amplifier
logo
M/A-COM Technology Solu...
MAAPSS0075 MA-COM-MAAPSS0075_15 Datasheet
179Kb / 6P
   Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com