Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87620601000 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 87620601000
Description  20 AWG stranded (7x28) TC conductors, polyethylene insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

87620601000 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  87620601000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 87620601000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 87620601000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
8762 0601000
305 MT
10.433 KG
CHROME
C
2 #20 PE FS PVC
8762 06010000
3,048 MT
108.863 KG
CHROME
C Y
2 #20 PE FS PVC
8762 0602000
610 MT
20.865 KG
CHROME
C
2 #20 PE FS PVC
8762 060250
76 MT
2.835 KG
CHROME
2 #20 PE FS PVC
8762 060500
152 MT
5.443 KG
CHROME
C
2 #20 PE FS PVC
Notes:
C = CRATE REEL PUT-UP.
Y = FINAL PUT-UP LENGTH MAY VARY -10% TO +20% FROM LENGTH SHOWN.MAY CONTAIN 2 PIECES. MINIMUM LENGTH OF ANY ONE PIECE IS 1500'.
Revision Number: 1
Revision Date: 09-18-2008
© 2011 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for
determining the applicability of legislation and regulations based on their individual usage of the product.
Belden declares this product to be in compliance with EU LVD (Low Voltage Directive 73/23/EEC), as amended by directive 93/68/EEC.
Page 3 of 3
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
8762 Multi-Conductor - Single-Pair Cable


Similar Part No. - 87620601000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
87620601000 ETC2-87620601000 Datasheet
33Kb / 3P
   20 AWG stranded (7x28) TC conductors, polyethylene insulation, twisted pair, overall Beldfoil shield
876206010000 ETC2-876206010000 Datasheet
33Kb / 3P
   20 AWG stranded (7x28) TC conductors, polyethylene insulation, twisted pair, overall Beldfoil shield
More results

Similar Description - 87620601000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1345981 ETC2-1345981 Datasheet
100Kb / 3P
   20 AWG stranded (7x28) TC conductors, polyethylene insulation
8725 ETC2-8725 Datasheet
99Kb / 3P
   20 AWG stranded (7x28) TC conductors, polypropylene insulation
9272 ETC2-9272 Datasheet
101Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
1346586 ETC2-1346586 Datasheet
100Kb / 3P
   20 AWG stranded (7x28) TC conductors, PVC insulation
1344849 ETC2-1344849 Datasheet
102Kb / 3P
   20 AWG stranded (7x28) TC conductors, polypropylene insulation,
28383 ETC2-28383 Datasheet
33Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
1748320 ETC2-1748320 Datasheet
105Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
9463 ETC2-9463 Datasheet
89Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
1351711 ETC2-1351711 Datasheet
99Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
28467 ETC2-28467 Datasheet
33Kb / 3P
   20 AWG stranded (7x28) TC conductors, polyethylene insulation, twisted pair, overall Beldfoil shield
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com