Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87620602000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 87620602000
Description  20 AWG stranded (7x28) TC conductors, polyethylene insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

87620602000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  87620602000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 87620602000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 87620602000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
Description:
20 AWG stranded (7x28) TC conductors, polyethylene insulation, twisted pair, overall Beldfoil® shield
(100% coverage), 20 AWG stranded TC drain wire, PVC jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Pairs AWG Stranding Conductor Material
1
20
7x28
TC - Tinned Copper
Insulation
Insulation Material:
Insulation Material Wall Thickness (mm)
PE - Polyethylene
0.4064
Outer Shield
Outer Shield Material:
Outer Shield Trade Name Type Outer Shield Material
Coverage (%)
Beldfoil®
Tape Aluminum Foil-Polyester Tape w/Shorting Fold 100
Outer Shield Drain Wire AWG:
AWG Stranding Drain Wire Conductor Material
20
7x28
TC - Tinned Copper
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
Nom. Wall Thickness (mm)
PVC - Polyvinyl Chloride 0.7112
Overall Cabling
Overall Nominal Diameter:
5.182 mm
Pair
Pair Color Code Chart:
Number Color
1
Black & Clear
Pair Lay Length & Direction:
Lay Length (mm) Twists/ft. (twist/m)
38.09985
26.248
Mechanical Characteristics (Overall)
Operating Temperature Range:
-20°C To +60°C
UL Temperature Rating:
60°C (UL AWM Style 2092)
Bulk Cable Weight:
31.550 Kg/Km
Max. Recommended Pulling Tension:
204.617 N
Min. Bend Radius (Install)/Minor Axis:
50.800 mm
Page 1 of 3
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
8762 Multi-Conductor - Single-Pair Cable


Similar Part No. - 87620602000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
87620602000 ETC2-87620602000 Datasheet
33Kb / 3P
   20 AWG stranded (7x28) TC conductors, polyethylene insulation, twisted pair, overall Beldfoil shield
More results

Similar Description - 87620602000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1345981 ETC2-1345981 Datasheet
100Kb / 3P
   20 AWG stranded (7x28) TC conductors, polyethylene insulation
8725 ETC2-8725 Datasheet
99Kb / 3P
   20 AWG stranded (7x28) TC conductors, polypropylene insulation
9272 ETC2-9272 Datasheet
101Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
1346586 ETC2-1346586 Datasheet
100Kb / 3P
   20 AWG stranded (7x28) TC conductors, PVC insulation
1344849 ETC2-1344849 Datasheet
102Kb / 3P
   20 AWG stranded (7x28) TC conductors, polypropylene insulation,
28383 ETC2-28383 Datasheet
33Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
1748320 ETC2-1748320 Datasheet
105Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
9463 ETC2-9463 Datasheet
89Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
1351711 ETC2-1351711 Datasheet
99Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
28467 ETC2-28467 Datasheet
33Kb / 3P
   20 AWG stranded (7x28) TC conductors, polyethylene insulation, twisted pair, overall Beldfoil shield
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com