Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9332 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 9332
Description  300V Power-Limited Tray Cables ??Overview
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9332 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  9332 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9332 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9332 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9332 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9332 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9332 Datasheet HTML 6Page - List of Unclassifed Manufacturers 9332 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9332 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9332 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
IN D U STRIAL
A U T OMA TION
&
PR OCE S S
CO NTR O L
C ABLES
18.42
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
UL Instrumentation Cable
300V Power-Limited Tray Cables
Industrial Grade Sunlight- and Oil-Resistant Jackets
22 AWG Pairs Stranded (7x30) Tinned Copper Conductors • Twisted Pairs
Unshielded • PVC Insulation • Chrome PVC Jacket
9407
1
E2
U-500
U-152.4
10.0
4.3
.037
.94
.198
5.03
19
84
2.00
50.80
U-1000
U-304.8
19.0
8.2
Overall Beldfoil® Shield (100% Coverage) • PVC Insulation • Chrome PVC Jacket
9322
1
E2
U-500
U-152.4
11.0
5.0
.037
.94
.201
5.10
28
124
2.00
50.80
U-1000
U-304.8
22.0
10.0
9512
2
E2
500
152.4
22.0
10.0
.042
1.07
.310
7.82
46
204
3.00
76.20
1000
304.8
42.0
19.1
9513
3
E2
500
152.4
26.5
11.6
.042
1.07
.324
8.23
63
280
3.25
82.55
1000
304.8
51.0
23.2
9514
4
E2
500
152.4
33.0
14.8
.042
1.07
.356
9.04
80
355
3.50
88.90
1000
304.8
67.0
30.5
9516
6
E2
500
152.4
45.0
20.4
.053
1.35
.418
10.62
118
524
4.25
107.95
1000
304.8
89.0
40.4
9520
9
E2
500
152.4
64.5
29.3
.053
1.35
.482
12.29
172
765
4.75
120.65
1000
304.8
121.0
55.0
9521
11
E2
500
152.4
73.0
32.7
.053
1.35
.506
12.85
200
889
5.35
135.89
1000
304.8
147.0
66.4
9524
15
E2
500
152.4
89.5
40.7
.053
1.35
.594
15.09
280
1245
6.00
152.40
1000
304.8
178.0
80.9
9526
19
E2
500
152.4
114.5
52.0
.063
1.60
.644
16.36
350
1557
6.33
160.78
1000
304.8
224.0
101.8
9527
27
E2
500
152.4
156.5
71.1
.063
1.60
.763
19.38
500
2224
7.50
190.50
1000
304.8
321.0
145.9
22 AWG Pairs Stranded (7x30) Bare Copper Conductors* • Twisted Pairs
Overall Beldfoil Shield (100% Coverage) • PVC Insulation • PVC Jacket (Black or Chrome)
3000A**
2
E1
Bulk††
Bulk
.043
1.09
.310
7.87
46
204
3.00
76.20
3004A**
4
E1
Bulk††
Bulk
.042
1.07
.357
9.01
80
355
3.50
88.90
3006A**
8
E1
Bulk††
Bulk
.053
1.35
.450
11.43
172
765
4.75
120.65
3008A**
12
E1
Bulk††
Bulk
.053
1.35
.536
13.61
210
934
5.00
127.00
3010A**
16
E1
Bulk††
Bulk
.053
1.35
.594
15.09
290
1290
6.00
152.40
3012A**
24
E1
Bulk††
Bulk
.065
1.65
.749
19.02
440
1957
7.50
190.50
3014A**
50
E1
Bulk††
Bulk
.075
1.91
1.017
25.80
915
4070
9.50
241.30
PVC = Polyvinyl Chloride
*For tinned copper conductors, order with B suffix.
**For Exposed Run rated cable (3000 series only), order with E suffix, e.g. 3000AE.
Final put-up length may vary ±10% from length shown.
††Bulk = Check length available for specific construction.
E1, E2 = Refer to Industrial Technical Information section for color code.
Alternate color coding available upon request.
Multiple pair or triad cables have each pair/triad numbered for ease of identification.
Standard
Lengths
Ft.
Color
Code
mm
Jacket
Thickness
Inch
mm
Nominal
OD
Lbs.
N
Maximum
Pull Tension
Inch
Part
No.
Description
Minimum
Bend Radius
m
Standard
Unit Weight
No.
of
Pairs
Lbs.
kg
Inch
mm
Rip Cord
Drain Wire
Drain Wire
Rip Cord
Communication Wire
Rip Cord
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520


Similar Part No. - 9332

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9332 BELDEN-9332 Datasheet
177Kb / 2P
   High Perform Instr, 9 Pr #22 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
12-16-2022
logo
Keystone Electronics Co...
9332 KEYSTONE-9332 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Heyco.
9332 HEYCO-9332 Datasheet
105Kb / 1P
   Countersunk Type H Rivets
logo
Belden Inc.
9332-0601000 BELDEN-9332-0601000 Datasheet
177Kb / 2P
   High Perform Instr, 9 Pr #22 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
12-16-2022
9332-060500 BELDEN-9332-060500 Datasheet
177Kb / 2P
   High Perform Instr, 9 Pr #22 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
12-16-2022
More results

Similar Description - 9332

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9554 BELDEN-9554 Datasheet
112Kb / 3P
   9554 Multi-Conductor - 300V Power-Limited Tray Cable
logo
SAB North America
XLPE-TR SAB-XLPE-TR Datasheet
271Kb / 1P
   Tray & VFD Cables
VFD-XLPE-TR-LEAN SAB-VFD-XLPE-TR-LEAN Datasheet
202Kb / 1P
   Tray & VFD Cables
DC3332201TP SAB-DC3332201TP Datasheet
296Kb / 1P
   Tray & VFD Cables
XLPE SAB-XLPE Datasheet
207Kb / 1P
   Tray & VFD Cables
logo
List of Unclassifed Man...
7201A ETC2-7201A Datasheet
103Kb / 3P
   300V Flex Data Cables
logo
Roithner LaserTechnik G...
QL86T4HD ROITHNER-QL86T4HD Datasheet
220Kb / 3P
   OVERVIEW
QL65E7S-A ROITHNER-QL65E7S-A Datasheet
180Kb / 3P
   OVERVIEW
QL85J6S-A-L ROITHNER-QL85J6S-A-L Datasheet
141Kb / 3P
   OVERVIEW
QL68I6S-A ROITHNER-QL68I6S-A Datasheet
250Kb / 3P
   OVERVIEW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com