Electronic Components Datasheet Search |
|
3013A Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers |
|
3013A Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers |
8 / 22 page UL Instrumentation Cable 300V Power-Limited Tray Cables Industrial Grade Sunlight- and Oil-Resistant Jackets IN D U STRIAL A U T OMA TION & PR OCE S S CO NTR O L C ABLES 18.48 For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com 18 AWG Triads Stranded (19x30) Tinned Copper Conductors • Twisted Triads Unshielded • PVC Insulation • Chrome PVC Jacket 9493 1 E1 U-500 U-152.4 20.0 9.1 .037 .94 .242 6.15 62 276 2.25 57.15 U-1000 U-304.8 38.0 17.2 Overall Beldfoil® Shield (100% Coverage) • PVC Insulation • Chrome PVC Jacket 9365 1 E1 U-500 U-152.4 22.0 10.0 .037 .94 .245 6.22 74 329 2.50 63.50 U-1000 U-304.8 43.0 19.5 18 AWG Triads Stranded (7x26) Bare Copper Conductors • Twisted Triads Overall Beldfoil Shield (100% Coverage) • PVC Insulation • Black PVC Jacket (See chart below for other options) 1036A 1 E1 1000 304.8 43.0 19.5 .037 .94 .236 5.99 90 400 2.40 60.96 10000 † 3048.0 430.0 195.1 3027A 2 E1 Bulk †† Bulk — — .055 1.40 .420 10.67 165 734 4.25 107.95 3030A 4 E1 Bulk †† Bulk — — .055 1.40 .521 13.20 240 1068 4.50 114.30 3032A 8 E1 Bulk †† Bulk — — .064 1.63 .580 14.70 501 2229 5.75 146.05 3036A 16 E1 Bulk †† Bulk — — .077 1.96 .900 22.86 1050 4671 9.00 228.60 3038A 24 E1 Bulk †† Bulk — — .077 1.96 1.020 25.91 1450 6450 10.25 260.35 Individually Shielded + Overall Beldfoil (100% Coverage) • PVC Insulation • Black PVC Jacket (Other options below) 3028A 2 E1 Bulk †† Bulk — — .055 1.40 .450 11.43 175 779 4.50 114.30 3031A 4 E1 Bulk †† Bulk — — .053 1.35 .533 13.50 255 1134 5.25 133.35 3033A 8 E1 Bulk †† Bulk — — .064 1.63 .654 16.50 560 2491 6.50 165.10 3068A 12 E1 Bulk †† Bulk — — .063 1.60 .840 21.30 800 3559 8.50 215.90 3037A 16 E1 Bulk †† Bulk — — .074 1.88 .974 24.70 1320 5872 10.50 266.70 3039A 24 E1 Bulk †† Bulk — — .074 1.88 1.200 30.50 1620 7207 11.25 285.75 E1 = Refer to Technical Information section for color code. Alternate color coding available upon request. Multiple pair or triad cables have each pair/triad numbered for ease of identification. †Final put-up length may vary ±10% from length shown. ††Bulk = Check length available for specific construction. Standard Lengths Ft. Color Code mm Jacket Thickness Inch mm Nominal OD Lbs. N Maximum Pull Tension Inch Part No. Description Minimum Bend Radius m Standard Unit Weight No. of Triads Lbs. kg Inch mm Rip Cord Rip Cord Drain Wire Drain Wire Drain Wires Rip Cord Rip Cord Communication Wire Communication Wire NEC: PLTC, ITC, CMG CEC: CMG FT4 IEEE 1202/383 ICEA T-29-520 NEC: PLTC, ITC, CMG CEC: CMG FT4 IEEE 1202/383 ICEA T-29-520 NEC: PLTC, ITC, CMG CEC: CMG FT4 IEEE 1202/383 ICEA T-29-520 NEC: PLTC, ITC, CMG CEC: CMG FT4 IEEE 1202/383 ICEA T-29-520 Conductor, Insulation and Jacket Options** Bare Tinned Insulation/Jacket AB PVC/PVC CD XLPE/PVC KL TPE/TPE QR XLPE/CPE ST XLPE/Haloarrest® **For 1000 and 3000 Series cables only. 1234 A E Start Add or Add for with replace Exposed Part letter code Run rating No. for desired if desired conductor, insulation & jacket To Specify: |
Similar Part No. - 3013A |
|
Similar Description - 3013A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |