Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9390 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 9390
Description  300V Power-Limited Tray Cables ??Overview
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9390 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 9390 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9390 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9390 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9390 Datasheet HTML 6Page - List of Unclassifed Manufacturers 9390 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9390 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9390 Datasheet HTML 9Page - List of Unclassifed Manufacturers 9390 Datasheet HTML 10Page - List of Unclassifed Manufacturers 9390 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
IN D U STRIAL
A U T OMA TION
&
PR OCE S S
CO NTR O L
C ABLES
18.47
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
UL Instrumentation Cable
300V Power-Limited Tray Cables
Industrial Grade Sunlight- and Oil-Resistant Jackets
18 AWG Pairs Stranded (7x26) Bare Copper Conductors • Twisted Pairs
Overall Beldfoil® Shield (100% Coverage) • PVC Insulation • Black PVC Jacket (See chart below for other options)
1032A
1
E1
1000
304.8
38.0
17.2
.037
.94
.233
5.92
67
298
2.50
63.50
10000
3048.0
380.0
172.5
3025A
2
E1
10000
3048.0
760.0
344.7
.042
1.07
.375
9.53
121
538
3.50
88.90
1529A
3
E1
7500
2286.0
735.0
333.4
.053
1.35
.415
10.54
165
734
4.25
107.95
1466A
4
E1
7500
2286.0
892.5
404.8
.053
1.35
.452
11.48
211
939
4.50
114.30
1467A
8
E1
7500
2286.0
1477.5
670.8
.053
1.35
.523
13.28
390
1735
5.50
139.70
1468A
12
E1
5000
1524.0
1375.0
624.3
.064
1.63
.673
17.09
560
2491
6.75
171.45
3034A
16
E1
Bulk ††
Bulk
.066
1.68
.713
18.11
640
2847
7.25
184.15
1471A
24
E1
2500
762.0
1292.5
586.3
.074
1.88
.932
23.67
1105
4916
9.25
234.95
1472A
36
E1
1250
381.0
910.0
413.1
.074
1.88
1.062
26.97
1644
7313
10.50
266.70
3041A
50
E1
Bulk ††
Bulk
.074
1.88
1.240
31.50
2240
10049
12.75
323.85
Individually Shielded + Overall Beldfoil (100% Coverage) • PVC Insulation • Black PVC Jacket (Other options below)
1474A
2
E1
7500
2286.0
720.0
326.9
.053
1.35
.408
10.16
149
663
4.00
101.60
1475A
4
E1
7500
2286.0
1065.0
483.1
.053
1.35
.468
11.89
267
1188
4.75
120.65
1476A
8
E1
5000
1524.0
1185.0
538.0
.053
1.35
.594
15.10
501
2229
6.00
152.40
1477A
12
E1
5000
1524.0
1740.0
789.3
.064
1.63
.737
18.72
779
3465
7.25
184.15
3035A
16
E1
Bulk ††
Bulk
.064
1.63
.836
21.20
725
3225
8.50
215.90
1480A
24
E1
2500
762.0
1712.5
777.5
.074
1.88
1.019
25.88
1443
6419
10.25
260.35
5000
1524.0
3390.0
1539.1
1481A
36
E1
Bulk ††
Bulk
.074
1.88
1.163
29.54
2148
9556
11.75
298.45
3042A
50
E1
Bulk ††
Bulk
.084
2.13
1.389
35.28
2935
13057
14.00
355.60
E1 = Refer to Technical Information section for color code.
Alternate color coding available upon request.
Multiple pair or triad cables have each pair/triad numbered for ease of identification.
Final put-up length may vary ±10% from length shown.
††Bulk = Check length available for specific construction.
Standard
Lengths
Ft.
Color
Code
mm
Jacket
Thickness
Inch
mm
Nominal
OD
Lbs.
N
Maximum
Pull Tension
Inch
Part
No.
Description
Minimum
Bend Radius
m
Standard
Unit Weight
No.
of
Pairs
Lbs.
kg
Inch
mm
Rip Cord
Rip Cord
Drain Wires
Drain Wire
Communication Wire
Communication Wire
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
Conductor, Insulation and Jacket Options**
Bare
Tinned
Insulation/Jacket
AB
PVC/PVC
CD
XLPE/PVC
KL
TPE/TPE
QR
XLPE/CPE
ST
XLPE/Haloarrest®
**For 1000 and 3000 Series cables only.
1234
A
E
Start
Add or
Add for
with
replace
Exposed
Part
letter code Run rating
No.
for desired if desired
conductor,
insulation & jacket
To Specify:


Similar Part No. - 9390

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
939 ETC2-939 Datasheet
202Kb / 1P
   NYLON TUBE SPACERS
939 ETC2-939 Datasheet
202Kb / 1P
   NYLON TUBE SPACERS
logo
Murata Manufacturing Co...
939113424610-F1N MURATA1-939113424610-F1N Datasheet
1Mb / 11P
   BroadBand Silicon Capacitor BBSC 0402 100nF BV11
939113424610-T3N MURATA1-939113424610-T3N Datasheet
1Mb / 11P
   BroadBand Silicon Capacitor BBSC 0402 100nF BV11
939113424610-T4N MURATA1-939113424610-T4N Datasheet
1Mb / 11P
   BroadBand Silicon Capacitor BBSC 0402 100nF BV11
More results

Similar Description - 9390

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9554 BELDEN-9554 Datasheet
112Kb / 3P
   9554 Multi-Conductor - 300V Power-Limited Tray Cable
logo
SAB North America
XLPE-TR SAB-XLPE-TR Datasheet
271Kb / 1P
   Tray & VFD Cables
VFD-XLPE-TR-LEAN SAB-VFD-XLPE-TR-LEAN Datasheet
202Kb / 1P
   Tray & VFD Cables
DC3332201TP SAB-DC3332201TP Datasheet
296Kb / 1P
   Tray & VFD Cables
XLPE SAB-XLPE Datasheet
207Kb / 1P
   Tray & VFD Cables
logo
List of Unclassifed Man...
7201A ETC2-7201A Datasheet
103Kb / 3P
   300V Flex Data Cables
logo
Roithner LaserTechnik G...
QL86T4HD ROITHNER-QL86T4HD Datasheet
220Kb / 3P
   OVERVIEW
QL65E7S-A ROITHNER-QL65E7S-A Datasheet
180Kb / 3P
   OVERVIEW
QL85J6S-A-L ROITHNER-QL85J6S-A-L Datasheet
141Kb / 3P
   OVERVIEW
QL68I6S-A ROITHNER-QL68I6S-A Datasheet
250Kb / 3P
   OVERVIEW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com