Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8450010U1000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 8450010U1000
Description  22 AWG solid tinned copper conductors, polypropylene insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8450010U1000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  8450010U1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8450010U1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8450010U1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flame Test
UL Flame Test:
UL1685 UL Loading
Plenum/Non-Plenum
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
40
Nom. Inductance:
Inductance (µH/m)
0.26248
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/m)
131.24
Nom. Capacitance Cond. to Other Conductor & Shield:
Capacitance (pF/m)
249.356
Nominal Velocity of Propagation:
VP (%)
66
Nominal Delay:
Delay (ns/m)
4.9215
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/km)
52.8241
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/km)
41.5047
Max. Operating Voltage - UL:
Voltage
300 V RMS
Max. Recommended Current:
Current
2.9 Amps per conductor @ 25°C
Notes (Overall)
Notes: Belden's® Miniature Type Broadcast Audio and Instrumentation Cables occupy 1/2 to 2/3 less space than standard cables.
Related Documents:
No related documents are available for this product
Page 2 of 3
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
8450 Multi-Conductor - Single-Pair Cable


Similar Part No. - 8450010U1000

ManufacturerPart #DatasheetDescription
logo
FCI connector
84500 FCI-CONNECTOR-84500 Datasheet
211Kb / 5P
   0 mm PLUG ASSEMBLY 10 X 30 = 300 POSITIONS
More results

Similar Description - 8450010U1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1347358 ETC2-1347358 Datasheet
96Kb / 2P
   22 AWG solid tinned copper conductors, PVC insulation,
8723NH ETC2-8723NH Datasheet
113Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
28473 ETC2-28473 Datasheet
34Kb / 4P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
1345874 ETC2-1345874 Datasheet
101Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
1712701 ETC2-1712701 Datasheet
103Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
9451SB ETC2-9451SB Datasheet
103Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
1344972 ETC2-1344972 Datasheet
101Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
29467 ETC2-29467 Datasheet
30Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
8723 ETC2-8723 Datasheet
103Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation,
1351271 ETC2-1351271 Datasheet
102Kb / 3P
   22 AWG solid tinned copper conductors, twisted pairs, Datalene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com