Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1351706 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 1351706
Description  Beldens .050 pitch gray ribbon cable was designed for general purpose electronic interconnect applications.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1351706 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  1351706 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1351706 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1351706 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Description
Pulse Rise Time (NS) (MHz) Near End % (MHz) Far End % (MHz)
10 ft. sample length 3
4.8
7
10 ft. sample length 5
3.5
4.7
10 ft. sample length 7
3
3
Notes (Overall)
Notes: GSG=Ground-Signal-Ground Mode
Polarity Identification (Overall)
Polarity Identification:
RED POLARITY STRIPE ON #1 CONDUCTOR
Related Documents:
No related documents are available for this product
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
9L28016 008H100
30 MT
0.862 KG
GRAY
16 #28 STR PVC RIBBON
Revision Number: 1
Revision Date: 05-14-2007
© 2011 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for
determining the applicability of legislation and regulations based on their individual usage of the product.
Belden declares this product to be in compliance with EU LVD (Low Voltage Directive 73/23/EEC), as amended by directive 93/68/EEC.
Page 3 of 3
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9L28016 Flat - Gray Ribbon 9L280XX Series


Similar Part No. - 1351706

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1351704 ETC2-1351704 Datasheet
101Kb / 3P
   Beldens .050 pitch gray ribbon cable was designed for general purpose electronic interconnect applications
1351707 ETC2-1351707 Datasheet
101Kb / 3P
   Beldens .050 pitch gray ribbon cable was designed for general purpose electronic interconnect applications.
1351708 ETC2-1351708 Datasheet
98Kb / 3P
   18 AWG stranded (16x30) tinned copper conductors, PVC insulation, twisted pairs, PVC jacket
More results

Similar Description - 1351706

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1351704 ETC2-1351704 Datasheet
101Kb / 3P
   Beldens .050 pitch gray ribbon cable was designed for general purpose electronic interconnect applications
9L28064 ETC2-9L28064 Datasheet
101Kb / 3P
   Beldens .050 pitch gray ribbon cable was designed for general purpose electronic interconnect applications
1351635 ETC2-1351635 Datasheet
101Kb / 3P
   Beldens .050 pitch gray ribbon cable was designed for general purpose electronic interconnect applications
9L28025 ETC2-9L28025 Datasheet
101Kb / 3P
   Beldens .050 pitch gray ribbon cable was designed for general purpose electronic interconnect applications
1351570 ETC2-1351570 Datasheet
101Kb / 3P
   Beldens .050 pitch gray ribbon cable was designed for general purpose electronic interconnect applications
1347455 ETC2-1347455 Datasheet
101Kb / 3P
   Beldens .050 pitch gray ribbon cable was designed for general purpose electronic interconnect applications.
1351707 ETC2-1351707 Datasheet
101Kb / 3P
   Beldens .050 pitch gray ribbon cable was designed for general purpose electronic interconnect applications.
9L28034 ETC2-9L28034 Datasheet
101Kb / 3P
   Beldens .050 pitch gray ribbon cable was designed for general purpose electronic interconnect applications
1346981 ETC2-1346981 Datasheet
100Kb / 3P
   Beldens .050 pitch gray ribbon cable was designed for general purpose electronic interconnect applications.
9L28050 ETC2-9L28050 Datasheet
101Kb / 3P
   Beldens .050 pitch gray ribbon cable was designed for general purpose electronic interconnect
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com