Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV3228 Datasheet(PDF) 1 Page - Analog Devices

Part # ADV3228
Description  750 MHz, 8 x 8 Analog Crosspoint Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3228 Datasheet(HTML) 1 Page - Analog Devices

  ADV3228 Datasheet HTML 1Page - Analog Devices ADV3228 Datasheet HTML 2Page - Analog Devices ADV3228 Datasheet HTML 3Page - Analog Devices ADV3228 Datasheet HTML 4Page - Analog Devices ADV3228 Datasheet HTML 5Page - Analog Devices ADV3228 Datasheet HTML 6Page - Analog Devices ADV3228 Datasheet HTML 7Page - Analog Devices ADV3228 Datasheet HTML 8Page - Analog Devices ADV3228 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
750 MHz, 8 × 8 Analog Crosspoint Switch
Data Sheet
ADV3228/ADV3229
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2010–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
8 × 8 high speed, nonblocking switch array
Pinout and functionally equivalent to the AD8108/AD8109
Drop-in compatible with ADV3224/ADV3225 16 × 8 array
Complete solution
Buffered inputs
Programmable high impedance outputs
8 output amplifiers, G = +1 (ADV3228), G = +2 (ADV3229)
Drives 150 Ω loads
Operates on ±5 V supplies
Low power: 0.5 W
Excellent ac performance
−3 dB bandwidth
200 mV p-p: 1200 MHz (ADV3228), 900 MHz (ADV3229)
2 V p-p: 750 MHz (ADV3228), 850 MHz (ADV3229)
0.5 dB flatness (2 V p-p): 250 MHz (ADV3228), 235 MHz
(ADV3229)
Slew rate: 2500 V/µs
Serial or parallel programming of switch array
72-lead LFCSP (10 mm × 10 mm)
APPLICATIONS
Routing of high speed signals including
Video (NTSC, PAL, S, SECAM, YUV, RGB)
Compressed video (MPEG, wavelet)
3-level digital video (HDB3)
Data communications
Telecommunications
FUNCTIONAL BLOCK DIAGRAM
ADV3228/
ADV3229
32
8
32
64
40-BIT SHIFT REGISTER
WITH 4-BIT
PARALLEL LOADING
PARALLEL LATCH
DECODE
8 × 4:8 DECODERS
8
CLK
DATAIN
UPDATE
CE
RESET
A0
DATAOUT
(RESERVED)
A1
A2
SER/PAR
D0 D1 D2 D3
SWITCH
OUTPUT
BUFFER
G = +1,
G = +2
SET INDIVIDUAL
OR RESET ALL
OUTPUTS TO OFF
Figure 1.
GENERAL DESCRIPTION
The ADV3228/ADV3229 are high speed 8 × 8 analog crosspoint
switch matrices. They offer a −3 dB large signal bandwidth of
750 MHz (ADV3228) and a slew rate of 2500 V/µs.
The ADV3228/ADV3229 include eight independent output buffers
that can be placed into a high impedance state for paralleling
crosspoint outputs to prevent off channels from loading the output
bus. The ADV3228 has a gain of +1, the ADV3229 has a gain of
+2, and they both operate on voltage supplies of ±5 V. Channel
switching is performed via a serial digital control that can
accommodate daisy chaining of several devices or via a parallel
control to allow updating of an individual output without
reprogramming the entire array.
The ADV3228/ADV3229 are available in the 72-lead LFCSP
package over the extended industrial temperature range of
−40°C to +85°C.


Similar Part No. - ADV3228

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV3220 AD-ADV3220 Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
More results

Similar Description - ADV3228

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV3224 AD-ADV3224 Datasheet
670Kb / 24P
   750 MHz, 16 x 8 Analog Crosspoint Switch
ADV3226 AD-ADV3226 Datasheet
606Kb / 24P
   750 MHz, 16 x 16 Analog Crosspoint Switch
logo
Texas Instruments
SN65LVCP408 TI1-SN65LVCP408_14 Datasheet
1Mb / 29P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
   8 x 8 Video Crosspoint Switch
Rev 2; 2/94
logo
Texas Instruments
SN65LVCP408 TI-SN65LVCP408 Datasheet
1Mb / 25P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Vitesse Semiconductor C...
VSC3308 VITESSE-VSC3308 Datasheet
906Kb / 2P
   11.5 Gbps 8 x 8 Crosspoint Switch
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
   8 x 8 Digital Crosspoint Switch, 1.485 Gbps
CLC018 NSC-CLC018 Datasheet
217Kb / 18P
   8 x 8 Digital Crosspoint Switch, 1.4 Gbps
logo
Analog Devices
AD8108 AD-AD8108 Datasheet
434Kb / 28P
   325 MHz, 8 x 8 Buffered Video Crosspoint Switches
REV. 0
AD8104 AD-AD8104 Datasheet
879Kb / 36P
   600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com