Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC244AG16 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC244AG16
Description  GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC244AG16 Datasheet(HTML) 3 Page - Analog Devices

  HMC244AG16 Datasheet HTML 1Page - Analog Devices HMC244AG16 Datasheet HTML 2Page - Analog Devices HMC244AG16 Datasheet HTML 3Page - Analog Devices HMC244AG16 Datasheet HTML 4Page - Analog Devices HMC244AG16 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
3
HMC244AG16
v02.0116
GaAs MMIC SP4T NON-REFLECTIVE
SWITCH, DC - 4 GHz
Absolute Maximum Ratings
Bias Voltage Range (Port Vdd)
+7.0 Vdc
Control Voltage Range (A & B)
-0.5V to Vdd +1 Vdc
Channel Temperature
150 °C
Thermal Resistance
(Insertion Loss Path)
171 °C/W
Thermal Resistance
(Terminated Path)
332 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Maximum Input Power
Vdd = +5 Vdc
+20 dBm (0.05 - 0.5 GHz)
+27 dBm (0.5 - 3.5 GHz)
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Bias Voltage & Current
Vdd Range= +5 Vdc ±10%
Vdd (Vdc)
Idd (Typ) (mA)
Idd (Max) (mA)
+5
3
7.0
+3
7
7.0
TTL/CMOS Control Voltages
State
Bias Condition
Low
0 to +0.8 Vdc @ 0.5 µA Typ.
High
+2.0 to +Vdd @ 70 µA Typ.
Truth Table
Control Input
Signal Path State
A
B
RF COM to:
Low
Low
RF1
High
Low
RF2
Low
High
RF3
High
High
RF4


Similar Part No. - HMC244AG16

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC244G16 HITTITE-HMC244G16 Datasheet
218Kb / 4P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC244G16 HITTITE-HMC244G16 Datasheet
266Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC244G16 HITTITE-HMC244G16_06 Datasheet
266Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4.0 GHz
More results

Similar Description - HMC244AG16

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC241LP3 HITTITE-HMC241LP3_08 Datasheet
194Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4 GHz
HMC-C071 HITTITE-HMC-C071 Datasheet
231Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC182S14 HITTITE-HMC182S14_08 Datasheet
204Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 2 GHz
HMC641 HITTITE-HMC641 Datasheet
169Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 18 GHz
HMC244G16 HITTITE-HMC244G16_06 Datasheet
266Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC641LC4 HITTITE-HMC641LC4_09 Datasheet
174Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC344LH5 HITTITE-HMC344LH5 Datasheet
304Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 12 GHz
logo
Analog Devices
HMC641ALC4 AD-HMC641ALC4 Datasheet
466Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Hittite Microwave Corpo...
HMC344 HITTITE-HMC344_06 Datasheet
211Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC344LP3 HITTITE-HMC344LP3_06 Datasheet
307Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com