Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV3225-EVALZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADV3225-EVALZ
Description  750 MHz, 16 x 8 Analog Crosspoint Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3225-EVALZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADV3225-EVALZ Datasheet HTML 4Page - Analog Devices ADV3225-EVALZ Datasheet HTML 5Page - Analog Devices ADV3225-EVALZ Datasheet HTML 6Page - Analog Devices ADV3225-EVALZ Datasheet HTML 7Page - Analog Devices ADV3225-EVALZ Datasheet HTML 8Page - Analog Devices ADV3225-EVALZ Datasheet HTML 9Page - Analog Devices ADV3225-EVALZ Datasheet HTML 10Page - Analog Devices ADV3225-EVALZ Datasheet HTML 11Page - Analog Devices ADV3225-EVALZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADV3224/ADV3225
Data Sheet
Rev. B | Page 8 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
IN8
AVEE
IN9
AVEE
IN10
AVCC
AVCC
IN11
AVCC
IN12
IN13
AVCC
IN14
AVEE
IN15
AGND
AVEE
AVEE
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PADDLE. THE EXPOSED METAL PADDLE ON THE BOTTOM OF
THE LFCSP PACKAGE MUST BE SOLDERED TO THE PCB AGND FOR
PROPER HEAT DISSIPATION AND FOR NOISE AND MECHANICAL
STRENGTH BENEFITS.
DVCC
DGND
D4
D3
D2
D1
D0
A2
A1
A0
SER/PAR
UPDATE
DATAIN
CLK
DGND
RESET
CE
DATAOUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
PIN 1
INDICATOR
ADV3224/ADV3225
Figure 5. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 5, 9, 13, 19, 23, 27, 31,
35, 60, 64, 68
AVCC
Analog Positive Supply.
2
IN8
Input Number 8.
3, 7, 11, 15, 18, 21, 25,
29, 33, 36, 58, 62, 66, 70
AVEE
Analog Negative Supply.
4
IN9
Input Number 9.
6
IN10
Input Number 10.
8
IN11
Input Number 11.
10
IN12
Input Number 12.
12
IN13
Input Number 13.
14
IN14
Input Number 14.
16
IN15
Input Number 15.
17, 56, 72
AGND
Analog Ground.
20
OUT7
Output Number 7.
22
OUT6
Output Number 6.
24
OUT5
Output Number 5.
26
OUT4
Output Number 4.
28
OUT3
Output Number 3.
30
OUT2
Output Number 2.
32
OUT1
Output Number 1.
34
OUT0
Output Number 0.
37, 55
DVCC
Digital Positive Supply.
38, 54
DGND
Digital Ground.
39
D4
Parallel Data Input, Output Enable.
40 to 43
D3 to D0
Parallel Data Input.
44 to 46
A2 to A0
Parallel Output Address Input.


Similar Part No. - ADV3225-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV3220 AD-ADV3220 Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
More results

Similar Description - ADV3225-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV3226 AD-ADV3226 Datasheet
606Kb / 24P
   750 MHz, 16 x 16 Analog Crosspoint Switch
ADV3228 AD-ADV3228 Datasheet
559Kb / 24P
   750 MHz, 8 x 8 Analog Crosspoint Switch
AD8104 AD-AD8104 Datasheet
879Kb / 36P
   600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
AD8104 AD-AD8104_15 Datasheet
1,017Kb / 36P
   600 MHz, 32 16 Buffered Analog Crosspoint Switch
REV. 0
AD8116 AD-AD8116 Datasheet
287Kb / 26P
   200 MHz, 16 x 16 Buffered Video Crosspoint Switch
REV. A
logo
Intersil Corporation
CD22M3494 INTERSIL-CD22M3494 Datasheet
47Kb / 7P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3494 INTERSIL-CD22M3494_06 Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
CD22M3494MQZ96 INTERSIL-CD22M3494MQZ96 Datasheet
627Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Analog Devices
ADV3202 AD-ADV3202 Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
logo
Renesas Technology Corp
CD22M3494 RENESAS-CD22M3494 Datasheet
546Kb / 10P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com