Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

115203-HMC546LP2 Datasheet(PDF) 10 Page - Analog Devices

Part # 115203-HMC546LP2
Description  10 W, Failsafe, GaAs, SPDT Switch 0.2 GHz to 2.7 GHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

115203-HMC546LP2 Datasheet(HTML) 10 Page - Analog Devices

Back Button 115203-HMC546LP2 Datasheet HTML 5Page - Analog Devices 115203-HMC546LP2 Datasheet HTML 6Page - Analog Devices 115203-HMC546LP2 Datasheet HTML 7Page - Analog Devices 115203-HMC546LP2 Datasheet HTML 8Page - Analog Devices 115203-HMC546LP2 Datasheet HTML 9Page - Analog Devices 115203-HMC546LP2 Datasheet HTML 10Page - Analog Devices 115203-HMC546LP2 Datasheet HTML 11Page - Analog Devices 115203-HMC546LP2 Datasheet HTML 12Page - Analog Devices 115203-HMC546LP2 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
HMC546LP2E
Data Sheet
Rev. E | Page 10 of 13
2600 MHZ TUNING
0
–3.0
–2.5
–1.5
–0.5
–2.0
–1.0
2.50
2.55
2.60
2.65
2.70
FREQUENCY (GHz)
Tx, +85°C
Tx, +25°C
Tx, –40°C
Figure 20. Tx to RFC Insertion Loss vs. Frequency over Temperature
0
–35
–30
–25
–15
–5
–20
–10
2.50
2.55
2.60
2.65
2.70
FREQUENCY (GHz)
RFC TO Tx
RFC TO Rx
Figure 21. Isolation vs. Frequency
75
70
65
60
55
50
45
40
35
30
25
20
3
4
5
6
7
8
VOLTAGE (V)
RFC TO Tx
RFC TO Rx
Figure 22. Input IP3 vs. Voltage
0
–3.0
–2.5
–1.5
–0.5
–2.0
–1.0
2.50
2.55
2.60
2.65
2.70
FREQUENCY (GHz)
Rx, +85°C
Rx, +25°C
Rx, –40°C
Figure 23. RFC to Rx Insertion Loss vs. Frequency over Temperature
0
–40
–30
–35
–25
–15
–5
–20
–10
2.50
2.55
2.60
2.65
2.70
FREQUENCY (GHz)
Tx, INPUT
Tx, OUTPUT
Rx, INPUT
Rx, OUTPUT
Figure 24. Return Loss vs. Frequency


Similar Part No. - 115203-HMC546LP2

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
115200F00000G AAVID-115200F00000G Datasheet
38Kb / 2P
   Product Change Notification
More results

Similar Description - 115203-HMC546LP2

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC546LP2 HITTITE-HMC546LP2_10 Datasheet
284Kb / 8P
   GaAs MMIC 10W FAILSAFE SWITCH 0.2 - 2.7 GHz
HMC546LP2 HITTITE-HMC546LP2 Datasheet
399Kb / 10P
   GaAs MMIC 10W FAILSAFE SWITCH 0.2 - 2.7 GHz
HMC546MS8G HITTITE-HMC546MS8G_10 Datasheet
436Kb / 12P
   GaAs MMIC 20W FAILSAFE SWITCH 0.2 - 2.2 GHz
logo
Analog Devices
HMC546MS8G AD-HMC546MS8G Datasheet
801Kb / 12P
   GaAs MMIC 20W FAILSAFE SWITCH 0.2 - 2.2 GHz
logo
Guerrilla RF, Inc.
GRF6011 GUERRILLA-GRF6011 Datasheet
823Kb / 14P
   SPDT Failsafe Switch 0.1 ??6.0 GHz
logo
ANADIGICS, Inc
AWS5532R ANADIGICS-AWS5532R Datasheet
321Kb / 12P
   0.5 to 2.5 GHz 10 W SPDT Switch
logo
Analog Devices
HMC221B AD-HMC221B Datasheet
265Kb / 9P
   GaAs, MMIC, SPDT Switch, 10 kHz to 3 GHz
HMC347B AD-HMC347B Datasheet
208Kb / 10P
   GaAs, SPDT Switch, Nonreflective, 0.1 GHz to 20 GHz
ADRF5144 AD-ADRF5144 Datasheet
556Kb / 12P
   10 W Average, Silicon SPDT, Reflective Switch, 1 GHz to 20 GHz
Rev. 0
logo
M/A-COM Technology Solu...
MASWSS0204 MA-COM-MASWSS0204 Datasheet
110Kb / 3P
   GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com