Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMI10-5-C-I38-CXX Datasheet(PDF) 1 Page - CUI INC

Part # SMI10-5-C-I38-CXX
Description  AC-DC POWER SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SMI10-5-C-I38-CXX Datasheet(HTML) 1 Page - CUI INC

  SMI10-5-C-I38-CXX Datasheet HTML 1Page - CUI INC SMI10-5-C-I38-CXX Datasheet HTML 2Page - CUI INC SMI10-5-C-I38-CXX Datasheet HTML 3Page - CUI INC SMI10-5-C-I38-CXX Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
cui.com
date 04/25/2016
page 1 of 4
SERIES: SMI10-USB
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency
level
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
SMI10-5-I38
5
2
10
300
VI
Notes:
1.Atfullload,25°C,nominalinput,20MHzbandwidthoscilloscope,outputparallelwith0.1μFand10μFcapacitorstoground.
FEATURES
• up to 10 W continuous power
•DOELevelVI,CoCTier2,ErPStage2
• no load power consumption < 0.1 W
•universalinputvoltagerange
•interchangeableAcbladesforglobaluse
•overvoltageandshortcircuitprotections
• UL/cUL, GS, RCM, CCC, PSE safety approvals
PART NUMBER KEY
Base Number
Reserved for Custom
Configurations
SMI10 - 5 - X - I38 - CXX
USB Type A Inlet
OutputVoltage
Blades:
V=NorthAmerica,Europe,UnitedKingdom,
Australia, and China blade included
N = North America blade included
E = Europe blade included
B=UnitedKingdombladeincluded
A = Australia blade included
C = China blade included
K = No blades included
For more information, please visit the product page
|
For information on related products, view Dc Power Jacks


Similar Part No. - SMI10-5-C-I38-CXX

ManufacturerPart #DatasheetDescription
logo
CUI INC
SMI10-USB CUI-SMI10-USB Datasheet
697Kb / 4P
   AC-DC POWER SUPPLY
08/12/2021
SMI10-USB CUI-SMI10-USB_V01 Datasheet
697Kb / 4P
   AC-DC POWER SUPPLY
08/12/2021
More results

Similar Description - SMI10-5-C-I38-CXX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com