Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC424ALH5 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC424ALH5
Description  0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC424ALH5 Datasheet(HTML) 4 Page - Analog Devices

  HMC424ALH5 Datasheet HTML 1Page - Analog Devices HMC424ALH5 Datasheet HTML 2Page - Analog Devices HMC424ALH5 Datasheet HTML 3Page - Analog Devices HMC424ALH5 Datasheet HTML 4Page - Analog Devices HMC424ALH5 Datasheet HTML 5Page - Analog Devices HMC424ALH5 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
4
HMC424ALH5
v00.0416
0.5dB LSB GaAs MMIC 6-BIT DIGITAL
ATTENUATOR, DC - 13 GHz
Outline Drawing
Absolute Maximum Ratings
Control Voltage (V1 to V6)
Vee - 0.5 Vdc
Bias Voltage (Vee)
-7 Vdc
Channel Temperature
150 °C
Thermal Resistance (T= 85 °C)
Pin = +23 dBm, @ max. atten.
Pin = +23dBm, @ 4dB atten.
100 °C/W
374 °C/W
Continuous Pdiss (T= 85 °C)
0.174 W
Storage Temperature
-65 to + 150 °C
Operating Temperature
-40 to +85 °C
RF Input Power (0.5 - 13 GHz)
+25 dBm
ESD Sensitivity (HBM)
Class 1A
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
NOTES:
1. PACKAGE BODY MATERIAL: CERAMIC & KOVAR
2. LEAD AND GROUND PADDLE PLATING: GOLD 40 - 80 MICROINCHES.
3. DIMENSIONS ARE IN INCHES [MILLIMETERS].
4. LEAD SPACING TOLERANCE IS NON-CUMULATIVE
5. PAD BURR LENGTH 0.15mm MAX.
PAD BURR HEIGHT 0.25mm MAX.
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO
PCB RF GROUND.


Similar Part No. - HMC424ALH5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC424ALP3E AD-HMC424ALP3E Datasheet
451Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL
More results

Similar Description - HMC424ALH5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC424 HITTITE-HMC424_09 Datasheet
241Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
HMC424LP3 HITTITE-HMC424LP3_09 Datasheet
227Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
HMC424LH5 HITTITE-HMC424LH5 Datasheet
373Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
HMC424LP3 HITTITE-HMC424LP3 Datasheet
254Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
HMC424 HITTITE-HMC424 Datasheet
213Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
HMC424LH5 HITTITE-HMC424LH5_09 Datasheet
213Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
HMC-C025 HITTITE-HMC-C025 Datasheet
728Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR MODULE, DC - 13 GHz
logo
Analog Devices
HMC424AG16 AD-HMC424AG16 Datasheet
439Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC424G16 HITTITE-HMC424G16 Datasheet
225Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 3 GHz
HMC424G16 HITTITE-HMC424G16_09 Datasheet
205Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 3 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com