Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC425ALP3 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC425ALP3
Description  0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.2 - 8.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC425ALP3 Datasheet(HTML) 3 Page - Analog Devices

  HMC425ALP3 Datasheet HTML 1Page - Analog Devices HMC425ALP3 Datasheet HTML 2Page - Analog Devices HMC425ALP3 Datasheet HTML 3Page - Analog Devices HMC425ALP3 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1
1
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, 2.2 - 8.0 GHz
Functional Diagram
Electrical Specifications,
T
A = +25° C, With Vdd = +5V & Vctl = 0/+5V (Unless Otherwise Noted)
Typical Applications
The HMC425
ALP3 / HMC425ALP3E is ideal for:
• WLAN & Point-to-Multi-Point
• Fiber Optics & Broadband Telecom
• Microwave Radio & VSAT
• Military
0.5 dB LSB Steps to 31.5 dB
Single Control Line Per Bit
± 0.5 dB Typical Bit Error
Single +5V Supply
3x3 mm SMT Package
The HMC425
ALP3 & HMC425ALP3E are broad-
band 6-bit GaAs IC digital attenuators in low cost
leadless surface mount packages. Covering 2.2 to
8. 0 G H z , the insertion loss is less then 3.8 dB
typical. The attenuator bit values are 0.5 (LSB), 1,
2, 4, 8, and 16 dB for a total attenuation of 31.5 dB.
Attenuation accuracy is excellent at ±0.5 dB typical
step error with an IIP3 of +40 dBm. Six control
voltage inputs, toggled between 0 and +3 to +5V,
are used to select each attenuation state. A single Vdd
bias of +3 to +5V is required.
Parameter
Frequency
(GHz)
Min.
Typ.
Max.
Units
Insertion Loss
2.2 - 6.0 GHz
6.0 - 8.0 GHz
3.5
3.8
3.8
4.3
dB
dB
Attenuation Range
2.2 - 8.0 GHz
31.5
dB
Return Loss (RF1 & RF2, All Atten. States)
2.2 - 8.0 GHz
15
dB
Attenuation Accuracy:
(Referenced to Insertion Loss)
All States
2.2 - 8.0 GHz
± 0.5 + 5% of Atten. Setting Max.
dB
Input Power for 0.1 dB Compression
Vdd = 5V
Vdd = 3V
2.2 - 8.0 GHz
22
19
dBm
dBm
Input Third Order Intercept Point
(Two-Tone Input Power= 0 dBm Each Tone)
REF - 16.0 dB States
16.5 - 31.5 dB States
2.2 - 8.0 GHz
45
35
dBm
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
2.2 - 8.0 GHz
160
180
ns
ns
HMC425ALP3 / 425ALP3E
v00.1115
Features
General Description
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC425ALP3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC425ALP3E AD-HMC425ALP3E Datasheet
1Mb / 6P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.2 - 8.0 GHz
More results

Similar Description - HMC425ALP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC425LP3 HITTITE-HMC425LP3_09 Datasheet
218Kb / 6P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.2 - 8.0 GHz
logo
Analog Devices
HMC425A AD-HMC425A Datasheet
1Mb / 6P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.2 - 8.0 GHz
logo
Hittite Microwave Corpo...
HMC425LP3 HITTITE-HMC425LP3 Datasheet
200Kb / 6P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.4 - 8.0 GHz
HMC425 HITTITE-HMC425 Datasheet
210Kb / 6P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.4 - 8.0 GHz
HMC425 HITTITE-HMC425_09 Datasheet
244Kb / 6P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.4 - 8.0 GHz
logo
Analog Devices
HMC472ALP4 AD-HMC472ALP4 Datasheet
717Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.8 GHz
logo
Hittite Microwave Corpo...
HMC472LP4 HITTITE-HMC472LP4 Datasheet
346Kb / 6P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.0 GHz
HMC472LP4 HITTITE-HMC472LP4_09 Datasheet
359Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.8 GHz
HMC624LP4 HITTITE-HMC624LP4 Datasheet
337Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC624LP4 HITTITE-HMC624LP4_10 Datasheet
1Mb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com