Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL3555 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL3555
Description  USB Power-Distribution Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3555 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL3555 Datasheet HTML 1Page - Anpec Electronics Coropration APL3555 Datasheet HTML 2Page - Anpec Electronics Coropration APL3555 Datasheet HTML 3Page - Anpec Electronics Coropration APL3555 Datasheet HTML 4Page - Anpec Electronics Coropration APL3555 Datasheet HTML 5Page - Anpec Electronics Coropration APL3555 Datasheet HTML 6Page - Anpec Electronics Coropration APL3555 Datasheet HTML 7Page - Anpec Electronics Coropration APL3555 Datasheet HTML 8Page - Anpec Electronics Coropration APL3555 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Mar., 2016
APL3555
www.anpec.com.tw
5
Typical Operating Characteristics (Cont.)
Current-Limit Response vs. Output
Peak Current
Output Peak Current (A)
0
50
100
150
200
250
0
2
8
10
12
6
4
VIN=5V
TA=25
OC
EN Pin Threshold Voltage vs .
Junction Temperature
0
0 .8
1.2
2
Junction Temperature(
OC)
-50
-10
30
110
150
70
0 .4
1 .6
VIN=5V
RLOAD=50Ω
CIN=10µF
COUT=10
µF
EN Rising
EN Falling
Turn-Off Leakage Current vs.
Junction Temperature
0
2
3
4
Junction Temperature (
OC)
-50
-10
30
110
150
70
1
VIN=5V
RLOAD=0
CIN=10
µF
COUT=10
µF
SD mode
OCB Deglitch Time vs. Junction
Temperature
0
8
12
16
Junction Temperature(
OC)
-50
-10
30
110
150
70
4
VIN=5V
RLOAD=1
CIN=10
µF
COUT=10
µF
UVLO Threshold Voltage vs .
Junction Temperature
0.5
1 .5
2
2.5
Junction Temperature(
OC)
-50
-10
30
110
150
70
1
IOUT=15mA
CIN=10
µF
COUT=10
µF
3
UVLO Falling
ULVO Rising
Turn-Off Falling Time vs . Junction
Temperature
0
40
60
80
Junction Temperature (
OC)
-50
-10
30
110
150
70
20
VIN=5V
RLOAD=30
CIN=10
µF
COUT=1µF
100


Similar Part No. - APL3555

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3553G ANPEC-APL3553G Datasheet
926Kb / 18P
   USB Power-Distribution Switches
More results

Similar Description - APL3555

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3518 ANPEC-APL3518 Datasheet
321Kb / 21P
   USB Power-Distribution Switches
APL3553G ANPEC-APL3553G Datasheet
926Kb / 18P
   USB Power-Distribution Switches
APL3510 ANPEC-APL3510 Datasheet
324Kb / 21P
   USB Power-Distribution Switches
APL3520A ANPEC-APL3520A Datasheet
397Kb / 27P
   USB Dual Power-Distribution Switches
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com