Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW8703 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW8703
Description  High-Performance, High-Current DrMOS Power Module
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8703 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW8703 Datasheet HTML 1Page - Anpec Electronics Coropration APW8703 Datasheet HTML 2Page - Anpec Electronics Coropration APW8703 Datasheet HTML 3Page - Anpec Electronics Coropration APW8703 Datasheet HTML 4Page - Anpec Electronics Coropration APW8703 Datasheet HTML 5Page - Anpec Electronics Coropration APW8703 Datasheet HTML 6Page - Anpec Electronics Coropration APW8703 Datasheet HTML 7Page - Anpec Electronics Coropration APW8703 Datasheet HTML 8Page - Anpec Electronics Coropration APW8703 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jan, 2016
www.anpec.com.tw
2
APW8703/6/7
Ordering and Marking Information
Pin Configuration
Note:ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines
“Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
APW8703/6
= Exposed and Thermal Pad
TQFN 4x4-23
(TOP VIEW)
LX
AGND5
PWM6
OCSET1
OCB2
EN3
SMOD4
17 LX
16 LX
15
14 PGND
13 PGND
12 PGND
VIN
PGND
24
25
APW8703
APW8706
APW8707
Handling Code
Temperature Range
Package Code
Assembly Material
APW8703 QB:
Package Code
QB : TQFN 4x4-23
Operating Ambient Temperature Range
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
APW8706 QB:
APW8707 QB:
X - Date Code
APW8707
XXXXX
X - Date Code
X - Date Code
I : -40 to 85oC
QB : TQFN 5x5-30
APW8703
XXXXX
APW8706
XXXXX
TQFN5x5-30 (TOP VIEW)
AGND
VIN
LX
OCSET1
OCB2
EN 3
AGND4
SMOD5
PWM6
NC7
8
9
10
11
12
13
14
LX
22
LX
21
LX
20
PGND
19
PGND
18
PGND
17
PGND
16
PGND
15
30
29
28
27
25
24
23
26
= Exposed and Thermal Pad
APW8707
31
32
33


Similar Part No. - APW8703

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8703 ANPEC-APW8703 Datasheet
361Kb / 19P
   High-Performance, High-Current DrMOS Power Module
APW8703QBI-TRG ANPEC-APW8703QBI-TRG Datasheet
361Kb / 19P
   High-Performance, High-Current DrMOS Power Module
APW8703 ANPEC-APW8703_17 Datasheet
361Kb / 19P
   High-Performance, High-Current DrMOS Power Module
More results

Similar Description - APW8703

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8706 ANPEC-APW8706 Datasheet
360Kb / 19P
   High-Performance, High-Current DrMOS Power Module
APW8707A ANPEC-APW8707A Datasheet
331Kb / 19P
   High-Performance, High-Current DrMOS Power Module
logo
Alpha & Omega Semicondu...
AOZ5612BQI AOSMD-AOZ5612BQI Datasheet
2Mb / 17P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.1 May 2021
AOZ5019 AOSMD-AOZ5019 Datasheet
616Kb / 13P
   High-Current, High-Performance DrMOS Power Module
logo
Anpec Electronics Corop...
APW8703 ANPEC-APW8703_17 Datasheet
361Kb / 19P
   High-Performance, High-Current DrMOS Power Module
logo
Alpha & Omega Semicondu...
AOZ5007 AOSMD-AOZ5007 Datasheet
821Kb / 16P
   High-Current, High-Performance DrMOS Power Module
AOZ5007AQI AOSMD-AOZ5007AQI Datasheet
982Kb / 15P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.3 August 2022
AOZ5316UQI AOSMD-AOZ5316UQI Datasheet
1Mb / 17P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.0 June 2020
AOZ5018QI AOSMD-AOZ5018QI Datasheet
1Mb / 16P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.0 December 2021
AOZ5516QI-02 AOSMD-AOZ5516QI-02 Datasheet
2Mb / 17P
   High-Current, High-Performance DrMOS Power Module
Rev. 2.0 May 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com