Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW8715 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW8715
Description  High Input Voltage 6A PWM Converter With Adj. Soft Start
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8715 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW8715 Datasheet HTML 1Page - Anpec Electronics Coropration APW8715 Datasheet HTML 2Page - Anpec Electronics Coropration APW8715 Datasheet HTML 3Page - Anpec Electronics Coropration APW8715 Datasheet HTML 4Page - Anpec Electronics Coropration APW8715 Datasheet HTML 5Page - Anpec Electronics Coropration APW8715 Datasheet HTML 6Page - Anpec Electronics Coropration APW8715 Datasheet HTML 7Page - Anpec Electronics Coropration APW8715 Datasheet HTML 8Page - Anpec Electronics Coropration APW8715 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Apr., 2016
www.anpec.com.tw
2
APW8715
Simplified Application Circuit
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines
“Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Pin Configuration
= Exposed and Thermal Pad
TQFN 4x4 -23 (TOP VIEW)
LX
FB 5
TON 6
POK 1
EN 2
PFM 3
AGND 4
17 LX
16 LX
15 PGND
14 PGND
13 PGND
12 PGND
VIN
VOUT
LOUT
EN
VIN
CSS
SS
COUT
PFM
POK
VCC
LX
VIN
RPOK
H / L
APW8715
APW8715
Handling Code
Temperature Range
Package Code
Package Code
QB: TQFN4x4-23
Operating Ambient Temperature Range
I : -40 to 85 C
Handling Code
TR : Tape & Reel
Lead Free Code
L : Lead Free Device
°
Assembly Material
APW8715 QB :
APW8715
XXXXX
XXXXX - Date Code
G : Halogen and Lead Free Device


Similar Part No. - APW8715

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8713 ANPEC-APW8713 Datasheet
801Kb / 24P
   High Input Voltage 8A PWM Converter With Adj. Soft Start
APW8713QBI-TRG ANPEC-APW8713QBI-TRG Datasheet
801Kb / 24P
   High Input Voltage 8A PWM Converter With Adj. Soft Start
APW8713QBI-TRL ANPEC-APW8713QBI-TRL Datasheet
801Kb / 24P
   High Input Voltage 8A PWM Converter With Adj. Soft Start
More results

Similar Description - APW8715

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8713 ANPEC-APW8713 Datasheet
801Kb / 24P
   High Input Voltage 8A PWM Converter With Adj. Soft Start
logo
Unisonic Technologies
UC3552 UTC-UC3552_16 Datasheet
190Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
UC3552 UTC-UC3552 Datasheet
209Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Advanced Analog Technol...
AAT1102 AAT-AAT1102_5 Datasheet
620Kb / 18P
   ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Torex Semiconductor
XC6601 TOREX-XC6601_2 Datasheet
701Kb / 33P
   Low Voltage Input LDO Voltage Regulator with Soft-Start Function
logo
Advanced Analog Technol...
AAT1102 AAT-AAT1102 Datasheet
609Kb / 18P
   ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Anpec Electronics Corop...
APL3538 ANPEC-APL3538 Datasheet
184Kb / 16P
   Ultra-LowOn-Resistance, 6A Dual Load Switch with Soft Start
logo
Diodes Incorporated
AP22980 DIODES-AP22980 Datasheet
1Mb / 14P
   6V/6A LOW RON SWITCH WITH TRI-STATE SOFT-START
Rev. 2 - 2 September 2022
logo
Anpec Electronics Corop...
APL3526 ANPEC-APL3526 Datasheet
208Kb / 14P
   Ultra-Low On-Resistance, 6A Load Switch with Soft Start
logo
Texas Instruments
TPS61175 TI-TPS61175 Datasheet
811Kb / 23P
[Old version datasheet]   3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com