Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APX7320 Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APX7320
Description  Three-Phase Full-wave Sine-wave Brushless Motor Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX7320 Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APX7320 Datasheet HTML 6Page - Anpec Electronics Coropration APX7320 Datasheet HTML 7Page - Anpec Electronics Coropration APX7320 Datasheet HTML 8Page - Anpec Electronics Coropration APX7320 Datasheet HTML 9Page - Anpec Electronics Coropration APX7320 Datasheet HTML 10Page - Anpec Electronics Coropration APX7320 Datasheet HTML 11Page - Anpec Electronics Coropration APX7320 Datasheet HTML 12Page - Anpec Electronics Coropration APX7320 Datasheet HTML 13Page - Anpec Electronics Coropration APX7320 Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. P.1- Aug., 2015
APX7320
www.anpec.com.tw
10
Preliminary
The APX7320 has two input pin VSP and MIN to control output duty of driver for the rotation speed of motor. The input
of MIN pin is for the minimum output duty setting, and the VSP is for motor speed control.
Function Description
VSP and MIN Output Duty Control
Figure1: Voltage Mode Output Duty Control
The APX7320 also support direct PWM input signal speed control. When the MIN pin pulled up to 5VREG, the VSP will
be PWM input pin to control the output duty directly.
VSP Direct PWM Control
Figure2: Direct PWM Mode Output Duty Control
VSP
5
4.5
1.5
0.8
50%
25%
75%
100%
Output Duty
MIN=0V
MIN=1.25V
MIN=2.5V
MIN=3.75V
VSP
5
4.5
1.5
0.8
50%
25%
75%
100%
Output Duty
MIN=0V
MIN=1.25V
MIN=2.5V
MIN=3.75V
0
0%
VSP 5V to 0V
VSP 0V to 5V
PWM Duty
100%
DISD
50%
25%
75%
100%
Output Duty
0
0%


Similar Part No. - APX7320

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX7311 ANPEC-APX7311 Datasheet
567Kb / 26P
   Three-Phase Sine-Wave Brushless DC Motor Cont roller
APX7311NLI-TRG ANPEC-APX7311NLI-TRG Datasheet
567Kb / 26P
   Three-Phase Sine-Wave Brushless DC Motor Cont roller
APX7311QBI-TRG ANPEC-APX7311QBI-TRG Datasheet
567Kb / 26P
   Three-Phase Sine-Wave Brushless DC Motor Cont roller
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
More results

Similar Description - APX7320

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9322A ANPEC-APX9322A Datasheet
320Kb / 24P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX9322 ANPEC-APX9322 Datasheet
258Kb / 20P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX9322 ANPEC-APX9322_18 Datasheet
324Kb / 25P
   Three-Phase Full-wave Sine-wave Brushless Motor Driv
logo
Toshiba Semiconductor
TB67B054FTG TOSHIBA-TB67B054FTG Datasheet
460Kb / 27P
   Sine-wave PWM Drive Three-phase Full Wave Brushless Motor Controller
2017-10-31
TC78B041FNG TOSHIBA-TC78B041FNG Datasheet
664Kb / 44P
   Sine-wave PWM Drive Three-phase Full Wave Brushless Motor Controller
2019-4-12
TB67B000HG TOSHIBA-TB67B000HG Datasheet
460Kb / 32P
   High voltage 3-Phase Full-Wave Sine-Wave PWM Brushless Motor Driver
TB67B000FG TOSHIBA-TB67B000FG Datasheet
349Kb / 31P
   High voltage 3-Phase Full-Wave Sine-Wave PWM Brushless Motor Driver
2018-02-02
TB6556FG TOSHIBA-TB6556FG_12 Datasheet
273Kb / 22P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6584AFNG TOSHIBA-TB6584AFNG Datasheet
670Kb / 27P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
2016-02-22
TB6631FNG TOSHIBA-TB6631FNG Datasheet
784Kb / 28P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com