Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZT796A Datasheet(PDF) 6 Page - Diodes Incorporated

Part # FZT796A
Description  200V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT796A Datasheet(HTML) 6 Page - Diodes Incorporated

  FZT796A_16 Datasheet HTML 1Page - Diodes Incorporated FZT796A_16 Datasheet HTML 2Page - Diodes Incorporated FZT796A_16 Datasheet HTML 3Page - Diodes Incorporated FZT796A_16 Datasheet HTML 4Page - Diodes Incorporated FZT796A_16 Datasheet HTML 5Page - Diodes Incorporated FZT796A_16 Datasheet HTML 6Page - Diodes Incorporated FZT796A_16 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
FZT796A
Document number: DS33172 Rev. 4 - 2
6 of 7
www.diodes.com
October 2015
© Diodes Incorporated
FZT796A
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
SOT223
Dim
Min
Max
Typ
A
1.55
1.65
1.60
A1
0.010
0.15
0.05
b
0.60
0.80
0.70
b1
2.90
3.10
3.00
C
0.20
0.30
0.25
D
6.45
6.55
6.50
E
3.45
3.55
3.50
E1
6.90
7.10
7.00
e
-
-
4.60
e1
-
-
2.30
L
0.85
1.05
0.95
Q
0.84
0.94
0.89
All Dimensions in mm
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
Dimensions Value (in mm)
C
2.30
C1
6.40
X
1.20
X1
3.30
Y
1.60
Y1
1.60
Y2
8.00
Note:
For high voltage applications, the appropriate industry sector guidelines should be considered with regards to creepage and clearance distances between
device terminals and PCB tracking.
A1
A
D
b
e
e1
b1
C
E1
L
0°-10°
Q
E
0.25
Seating
Plane
Gauge
Plane
X1
Y1
Y
X
C
C1
Y2


Similar Part No. - FZT796A_16

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT796A DIODES-FZT796A_15 Datasheet
90Kb / 2P
   SOT223 PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
More results

Similar Description - FZT796A_16

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZTX796A DIODES-ZTX796A_15 Datasheet
1,023Kb / 7P
   200V PNP MEDIUM POWER HIGH GAIN TRANSISTOR IN E-LINE
FZT956 DIODES-FZT956_17 Datasheet
455Kb / 7P
   200V PNP MEDIUM POWER TRANSISTOR
FZT1149A DIODES-FZT1149A_16 Datasheet
566Kb / 7P
   25V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
ZXTP25020DG DIODES-ZXTP25020DG_15 Datasheet
581Kb / 7P
   20V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
FZT1147A DIODES-FZT1147A_16 Datasheet
569Kb / 7P
   12V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
ZXT790AK DIODES-ZXT790AK_16 Datasheet
562Kb / 7P
   40V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
FZT788B DIODES-FZT788B_16 Datasheet
950Kb / 7P
   15V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
ZXTP03200BG DIODES-ZXTP03200BG_16 Datasheet
433Kb / 7P
   200V PNP MEDIUM POWER LOW SATURATION TRANSISTOR
FZT956 DIODES-FZT956_15 Datasheet
585Kb / 7P
   200V PNP MEDIUM POWER TRANSISTOR IN SOT223
logo
Zetex Semiconductors
FZT792A ZETEX-FZT792A Datasheet
76Kb / 3P
   PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com