Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPA0133 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFPA0133
Description  5V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA0133 Datasheet(HTML) 5 Page - RF Micro Devices

  RFPA0133_12 Datasheet HTML 1Page - RF Micro Devices RFPA0133_12 Datasheet HTML 2Page - RF Micro Devices RFPA0133_12 Datasheet HTML 3Page - RF Micro Devices RFPA0133_12 Datasheet HTML 4Page - RF Micro Devices RFPA0133_12 Datasheet HTML 5Page - RF Micro Devices RFPA0133_12 Datasheet HTML 6Page - RF Micro Devices RFPA0133_12 Datasheet HTML 7Page - RF Micro Devices RFPA0133_12 Datasheet HTML 8Page - RF Micro Devices RFPA0133_12 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5 of 9
RFPA0133
DS120206
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Note: The 8dB and 16dB gain steps are approximate for small signal operation. As the device compresses, the values of the
gain steps compress as well. The output power table on page two shows the effect of the gain steps for saturated (0dBm input)
operation.
Pin
Function
Description
1,4,5,
7,8,
11, 15
NC
These pins may be left unconnected or soldered to ground.
2GND
Ground connection. Keep traces physically short and connect immediately to the ground plane for best perfor-
mance.
3RF IN
Amplifier RF input. The amplifier does not contain internal DC blocking and, therefore, should be externally DC
blocked before connecting to any device which has DC present or which contains a DC path to ground.
6VPD
Power down control voltage. When this pin is at 0V, the device will be in power down mode, dissipating minimum
DC power. When this pin is at 3V the device will be in full power mode delivering maximum gain and output
power capability. This pin should not, in any circumstance, be higher than 3.3V. This pin should also have an
external UHF and HF bypassing capacitor. Typically VBIAS=VPD=3.0V.
9,10
RF
OUT/VCC2
Amplifier RF output. This is an unmatched collector output of the final amplifier transistor. Bias for the final
power amplifier output transistor must also be provided through one of these pins. Pins 9 and 10 should be
used for the RF output with a matching network that presents the optimum load impedance to the PA for maxi-
mum power and efficiency, as well as providing DC blocking at the output.
12
G8
RF output power gain control 8dB bit (see specification table for logic). The control voltage at this pin should
never exceed 3.3V and a logic high should be at least 1.7V. This pin should also have an external UHF bypassing
capacitor. See note.
13
G16
RF output power gain control 16dB bit (see specification table for logic). The control voltage at this pin should
never exceed 3.3V and a logic high should be at least 1.7V. This pin should also have an external UHF bypassing
capacitor. See note.
14
VCC1
Positive supply for the first stage (driver) amplifier. This is an unmatched transistor collector output.
16
VBIAS
Positive supply for the bias circuits. This pin should be bypassed with a single UHF capacitor, placed as close as
possible to the package. Typically, VBIAS=VPD=3.0V.


Similar Part No. - RFPA0133_12

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA0133PCK-410 RFMD-RFPA0133PCK-410 Datasheet
718Kb / 8P
   3 TO 5 V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
logo
Qorvo, Inc
RFPA0133PCK-410 QORVO-RFPA0133PCK-410 Datasheet
668Kb / 9P
   3 TO 5V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
logo
RF Micro Devices
RFPA0133PCK-411 RFMD-RFPA0133PCK-411 Datasheet
718Kb / 8P
   3 TO 5 V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
logo
Qorvo, Inc
RFPA0133PCK-411 QORVO-RFPA0133PCK-411 Datasheet
668Kb / 9P
   3 TO 5V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
logo
RF Micro Devices
RFPA0133SQ RFMD-RFPA0133SQ Datasheet
718Kb / 8P
   3 TO 5 V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
More results

Similar Description - RFPA0133_12

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFPA0133 QORVO-RFPA0133 Datasheet
668Kb / 9P
   3 TO 5V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
logo
RF Micro Devices
RFPA0133 RFMD-RFPA0133 Datasheet
718Kb / 8P
   3 TO 5 V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
logo
Microchip Technology
SST12LP20 MICROCHIP-SST12LP20 Datasheet
176Kb / 13P
   2.4 GHz High-Efficiency, High-Gain Power Amplifier
2013 05/13
SST12LP19E MICROCHIP-SST12LP19E_14 Datasheet
438Kb / 24P
   2.4 GHz High-Gain, High-Efficiency Power Amplifier
08/14
SST12CP21 MICROCHIP-SST12CP21 Datasheet
337Kb / 17P
   2.4 GHz High-Gain, High-Efficiency Power Amplifier
2014
logo
RF Micro Devices
RF2155 RFMD-RF2155 Datasheet
91Kb / 8P
   3V PROGRAMMABLE GAIN POWER AMPLIFIER
RF2155 RFMD-RF2155_06 Datasheet
109Kb / 7P
   3V PROGRAMMABLE GAIN POWER AMPLIFIER
RF2155 RFMD-RF2155_1 Datasheet
219Kb / 10P
   3V PROGRAMMABLE GAIN POWER AMPLIFIER
logo
Burr-Brown (TI)
PGA102 BURR-BROWN-PGA102 Datasheet
96Kb / 8P
   High Speed PROGRAMMABLE GAIN AMPLIFIER
logo
Texas Instruments
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
[Old version datasheet]   Programmable Gain AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com