Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPA3800TR13 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFPA3800TR13
Description  AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA3800TR13 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFPA3800TR13 Datasheet HTML 4Page - RF Micro Devices RFPA3800TR13 Datasheet HTML 5Page - RF Micro Devices RFPA3800TR13 Datasheet HTML 6Page - RF Micro Devices RFPA3800TR13 Datasheet HTML 7Page - RF Micro Devices RFPA3800TR13 Datasheet HTML 8Page - RF Micro Devices RFPA3800TR13 Datasheet HTML 9Page - RF Micro Devices RFPA3800TR13 Datasheet HTML 10Page - RF Micro Devices RFPA3800TR13 Datasheet HTML 11Page - RF Micro Devices RFPA3800TR13 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9 of 12
RFPA3800
DS140819
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
(920MHz to 960MHz Application Circuit)
VREF
C19
100pF
C18
1000pF
R1
1K
VCC
C22
1000pF
L7
0 Ohm
C24
100pF
L6
0 ohm
L4
47nH
RFOUT
RFIN
C3
27pF
C16
39pF
J1
J2
L5
1nH
50 ohm
50 ohm
C7
15pF
C11
6.8pF
C2
1.2pF
VREF
1
GND
2
RFIN
3
GND
4
GND
5
RFOUT
6
RFOUT
7
VBIAS
8
U1
RFPA3800 945MHz
VREF
VCC
GND
1
2
3
4
5
P1
HDR_1X5
+
C17
1uF
+
C23
10uF
L1
30pF
C1
5.1K
L2
12pF


Similar Part No. - RFPA3800TR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA3800TR13 RFMD-RFPA3800TR13 Datasheet
2Mb / 12P
   GaAs HBT 150MHz TO 960MHz POWER AMPLIFIER
More results

Similar Description - RFPA3800TR13

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC752LC4 AD-HMC752LC4 Datasheet
434Kb / 8P
   MMIC AMPLIFIER AMPLIFIER
logo
Marki Microwave
ADA-2052 MARKIMICROWAVE-ADA-2052 Datasheet
471Kb / 6P
   AMPLIFIER/DOUBLER/AMPLIFIER
logo
M/A-COM Technology Solu...
A87-2 MA-COM-A87-2 Datasheet
1Mb / 2P
   Cascadable Amplifier Cascadable Amplifier
logo
Marki Microwave
ADA-0416 MARKIMICROWAVE-ADA-0416 Datasheet
469Kb / 6P
   MMIC AMPLIFIER/DOUBLER/AMPLIFIER
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
logo
M/A-COM Technology Solu...
A75-2 MA-COM-A75-2 Datasheet
1Mb / 2P
   Cascadable Amplifier Cascadable Amplifier
logo
Marki Microwave
ADA-1030 MARKIMICROWAVE-ADA-1030 Datasheet
470Kb / 6P
   MMIC AMPLIFIER/DOUBLER/AMPLIFIER
logo
American Accurate Compo...
JXWBLA-T-1-150-20 AAC-JXWBLA-T-1-150-20 Datasheet
59Kb / 1P
   Amplifier
logo
Mini-Circuits
ZFL-2HAD MINI-ZFL-2HAD Datasheet
267Kb / 2P
   Amplifier
ZFL-11AD MINI-ZFL-11AD Datasheet
210Kb / 2P
   Amplifier
ZFL-750 MINI-ZFL-750 Datasheet
207Kb / 2P
   Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com