Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPA5532SR Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFPA5532SR
Description  Wi-Fi Integrated PA Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5532SR Datasheet(HTML) 2 Page - RF Micro Devices

  RFPA5532SR Datasheet HTML 1Page - RF Micro Devices RFPA5532SR Datasheet HTML 2Page - RF Micro Devices RFPA5532SR Datasheet HTML 3Page - RF Micro Devices RFPA5532SR Datasheet HTML 4Page - RF Micro Devices RFPA5532SR Datasheet HTML 5Page - RF Micro Devices RFPA5532SR Datasheet HTML 6Page - RF Micro Devices RFPA5532SR Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Revision DS20151222
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
2 of 7
RFPA5532
RFMD + TriQuint = Qorvo
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage
-0.5 to +6
VDC
DC Supply Current
1000
mA
Operating Case Temperature
-40 to +85
ºC
Storage Temperature
-40 to +150
ºC
Maximum TX Input Power into 50Ω, 10:1 Load for 11a/n/ac (No
Damage).
+10
dBm
Moisture Sensitivity Level (260°C JEDEC J-STD-020)
MSL2
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied. This is an
InGaP PA designed for high duty cycle applications with
Tj>30oC over ambient.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Compliance
802.11a/n/ac
Operating Frequency
5.180
5.925
GHz
Extended Operating Frequency
4.900
5.180
GHz
Power Supply VCC
3.0
3.3
3.6
V
PA Enable - High
1.7
3.0
<VCC
V
PA Enable - Low
0
0.5
V
Transmit Performance
T= +25ºC, VCC=3.3V, VPAEN = 3.0V, Unless otherwise
noted
11ac 80MHz Output Power
20
21
dBm
MCS9 256QAM
11ac 80MHz DEVM
1.5
1.8
%
-36.5
-35
dB
11ac 160MHz Output Power
18.5
dBm
MCS9 256QAM
11ac 160MHz DEVM
1.8
%
-35
dB
11n 20/40MHz Output Power
20.5
22
dBm
MCS7 64QAM
11n 20/40MHz DEVM
2.5
3
%
-32
-30.5
dB
Gain
30
32
dB
Gain Variation
-2.5
+2.5
dB
Temp= -40 ºC to +85ºC; Over 100MHz BW
Margin to Spectral Mask
5
dBm
POUT=20dBm; MCS0 160MHz
5
dBm
POUT=22dBm; MCS0 80MHz
5
dBm
POUT=23dBm; MCS0 40MHz
5
dBm
POUT=24dBm; MCS0 20MHz
Operating Current
240
310
mA
POUT=20dBm
275
340
mA
POUT=21dBm
350
400
mA
POUT=24dBm
Quiescent Current
150
175
mA
PA Enable Current
1
5
uA
PA_EN High


Similar Part No. - RFPA5532SR

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFPA5532SR QORVO-RFPA5532SR Datasheet
454Kb / 7P
   Wi-Fi Integrated PA Module 4900MHz to 5925MHz
More results

Similar Description - RFPA5532SR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA5552 RFMD-RFPA5552 Datasheet
612Kb / 7P
   Wi-Fi Integrated PA Module
RFPA5562 RFMD-RFPA5562 Datasheet
656Kb / 7P
   Wi-Fi Integrated PA Module
logo
Qorvo, Inc
RFPA5532 QORVO-RFPA5532 Datasheet
454Kb / 7P
   Wi-Fi Integrated PA Module 4900MHz to 5925MHz
logo
RF Micro Devices
RFFM4555 RFMD-RFFM4555 Datasheet
419Kb / 6P
   Wi-Fi Integrated Front End Module
logo
Qorvo, Inc
QPF7219 QORVO-QPF7219 Datasheet
272Kb / 2P
   Wi-Fi integrated Front End Module
logo
List of Unclassifed Man...
WF121 ETC2-WF121 Datasheet
1Mb / 41P
   Wi-Fi MODULE
WF121-E ETC2-WF121-E Datasheet
457Kb / 7P
   Wi-Fi Module
logo
TriQuint Semiconductor
QPF7200 TRIQUINT-QPF7200 Datasheet
365Kb / 10P
   2.4GHz Integrated Wi-Fi Front-End Module
logo
Qorvo, Inc
RFPA5208 QORVO-RFPA5208 Datasheet
133Kb / 2P
   Wi-Fi PA 2.4GHz to 2.5Ghz
QPF7552 QORVO-QPF7552 Datasheet
145Kb / 2P
   Wi-Fi 6 bandBoost integrated Front End Module
September 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com