Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPA5552SR Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFPA5552SR
Description  Wi-Fi Integrated PA Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5552SR Datasheet(HTML) 2 Page - RF Micro Devices

  RFPA5552SR Datasheet HTML 1Page - RF Micro Devices RFPA5552SR Datasheet HTML 2Page - RF Micro Devices RFPA5552SR Datasheet HTML 3Page - RF Micro Devices RFPA5552SR Datasheet HTML 4Page - RF Micro Devices RFPA5552SR Datasheet HTML 5Page - RF Micro Devices RFPA5552SR Datasheet HTML 6Page - RF Micro Devices RFPA5552SR Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RFPA5552
Wi-Fi Front End Module
4900MHz to 5925MHz
Revision DS20160219
2 of 7
Disclaimer: Subject to change without notice
© 2016 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFMD + TriQuint = Qorvo
Absolute Maximum Ratings
Exceeding any one or a combination of the Absolute Maximum Rating conditions may cause permanent damage
o the device. Extended application of Absolute Maximum Rating conditions to the device may reduce device
reliability. Specified typical performance or functional operation of the device under Absolute Maximum Rating
conditions is not implied. This is an InGaP device designed for high duty cycle applications with Tj>30 ºC over
ambient
Nominal Operating Parameters
PARAMETER
RATING
UNIT
DC Supply Voltage (No RF Applied)
-0.5 to +6
VDC
DC Supply Current
1000
mA
Operating Case Temperature
-40 to +85
ºC
Storage Temperature
-40 to +150
ºC
Maximum TX In
put Power into 50Ω, 10:1 Load for 11a/n/ac (No
Damage)
+10
dBm
PARAMETER
MIN
TYP
MAX
UNIT
CONDITION
COMPLIANCE
802.11A, 802.11N, 802.11AC
Operating Frequency
5.180
5.925
GHz
Extended Operating Frequency
4.9
5.925
GHz
Power Supply VCC
3
3.3
3.6
V
PA Enable Voltage-High
2.8
3.1
VCC
V
PA_EN
PA Enable Voltage-Low
0
0.2
V
PA_EN
TRANSMIT PERFORMANCE
VCC=3.3V, T=+25ºC, VPAEN=3V, PA_EN=High;
Unless otherwise noted
11ac VHT160 Output Power
20
dBm
MCS9
Dynamic EVM
1.3
1.8
%
-38
-35
dB
11ac VHT80 Output Power
20
21
dBm
MCS9
Dynamic EVM
1.3
1.8
%
-38
-35
dB
11n HT20/40 Output Power
20.5
22
dBm
MCS7
Dynamic EVM
2.5
3.2
%
-32
-30
dB
Margin to 802.11ac 160MHz
Spectral Mask
5
0
dBc
POUT = +21dBm, MCS0
Margin to 802.11ac 80MHz
Spectral Mask
5
0
dBc
POUT = +23dBm, MCS0
Margin to 802.11n 20MHz
Spectral Mask
6
0
dBc
POUT = +24dBm, MCS0
Gain
30
32
dB


Similar Part No. - RFPA5552SR

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFPA5552SR QORVO-RFPA5552SR Datasheet
908Kb / 7P
   Wi-Fi Power Amplifier
More results

Similar Description - RFPA5552SR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA5532 RFMD-RFPA5532 Datasheet
454Kb / 7P
   Wi-Fi Integrated PA Module
RFPA5562 RFMD-RFPA5562 Datasheet
656Kb / 7P
   Wi-Fi Integrated PA Module
logo
Qorvo, Inc
RFPA5532 QORVO-RFPA5532 Datasheet
454Kb / 7P
   Wi-Fi Integrated PA Module 4900MHz to 5925MHz
logo
RF Micro Devices
RFFM4555 RFMD-RFFM4555 Datasheet
419Kb / 6P
   Wi-Fi Integrated Front End Module
logo
Qorvo, Inc
QPF7219 QORVO-QPF7219 Datasheet
272Kb / 2P
   Wi-Fi integrated Front End Module
logo
List of Unclassifed Man...
WF121 ETC2-WF121 Datasheet
1Mb / 41P
   Wi-Fi MODULE
WF121-E ETC2-WF121-E Datasheet
457Kb / 7P
   Wi-Fi Module
logo
TriQuint Semiconductor
QPF7200 TRIQUINT-QPF7200 Datasheet
365Kb / 10P
   2.4GHz Integrated Wi-Fi Front-End Module
logo
Qorvo, Inc
RFPA5208 QORVO-RFPA5208 Datasheet
133Kb / 2P
   Wi-Fi PA 2.4GHz to 2.5Ghz
QPF7552 QORVO-QPF7552 Datasheet
145Kb / 2P
   Wi-Fi 6 bandBoost integrated Front End Module
September 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com