Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7989-1BCPZ-RL7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7989-1BCPZ-RL7
Description  18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7989-1BCPZ-RL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7989-1BCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD7989-1BCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD7989-1BCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD7989-1BCPZ-RL7 Datasheet HTML 9Page - Analog Devices AD7989-1BCPZ-RL7 Datasheet HTML 10Page - Analog Devices AD7989-1BCPZ-RL7 Datasheet HTML 11Page - Analog Devices AD7989-1BCPZ-RL7 Datasheet HTML 12Page - Analog Devices AD7989-1BCPZ-RL7 Datasheet HTML 13Page - Analog Devices AD7989-1BCPZ-RL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD7989-1/AD7989-5
Data Sheet
Figure 12. SNR vs. Input Level
Figure 13. SNR, SINAD, and ENOB vs. Reference Voltage
Figure 14. SNR vs. Temperature
Figure 15. SINAD vs. Frequency
Figure 16. THD, SFDR vs. Reference Voltage
Figure 17. THD vs. Temperature
100
99
98
97
96
95
94
93
92
91
90
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
INPUT LEVEL (dB)
100
95
90
85
80
2.25
2.75
3.25
3.75
4.25
4.75
5.25
REFERENCE VOLTAGE (V)
18
17
16
15
14
ENOB
SNR, SINAD
100
98
96
94
92
90
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
100
95
90
85
80
0.1
1
10
100
1k
FREQUENCY (kHz)
–100
–105
–110
–115
–120
–125
–130
2.25
2.75
3.25
3.75
4.25
4.75
5.25
REFERENCE VOLTAGE (V)
130
125
120
115
110
105
100
THD
SFDR
–115
–117
–119
–121
–123
–125
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
Rev. A | Page 10 of 24


Similar Part No. - AD7989-1BCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD7989-1BCPZ-RL7 ETC2-AD7989-1BCPZ-RL7 Datasheet
521Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
Analog Devices
AD7989-1BCPZ-RL7 AD-AD7989-1BCPZ-RL7 Datasheet
595Kb / 24P
   PulSAR ADCs in MSOP/LFCSP
More results

Similar Description - AD7989-1BCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD7989-1BRMZ ETC2-AD7989-1BRMZ Datasheet
521Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
Analog Devices
AD7693 AD-AD7693_17 Datasheet
739Kb / 25P
   500 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7946 AD-AD7946_15 Datasheet
538Kb / 24P
   14-Bit, 500 kSPS, PulSAR ADC in MSOP and LFCSP
REV. B
AD7686 AD-AD7686 Datasheet
566Kb / 29P
   16-Bit, 500 kSPS PulSAR ADC in MSOP
AD7690 AD-AD7690 Datasheet
674Kb / 25P
   400 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7691 AD-AD7691_17 Datasheet
921Kb / 29P
   250 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7946BRMZ AD-AD7946BRMZ Datasheet
644Kb / 24P
   14-Bit, 500 kSPS PulSAR ADC in MSOP
REV. A
AD7989-1 AD-AD7989-1_17 Datasheet
595Kb / 24P
   PulSAR ADCs in MSOP/LFCSP
AD7688 AD-AD7688 Datasheet
562Kb / 29P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7686BRM AD-AD7686BRM Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com