Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9234-1000EBZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9234-1000EBZ
Description  12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9234-1000EBZ Datasheet(HTML) 1 Page - Analog Devices

  AD9234-1000EBZ Datasheet HTML 1Page - Analog Devices AD9234-1000EBZ Datasheet HTML 2Page - Analog Devices AD9234-1000EBZ Datasheet HTML 3Page - Analog Devices AD9234-1000EBZ Datasheet HTML 4Page - Analog Devices AD9234-1000EBZ Datasheet HTML 5Page - Analog Devices AD9234-1000EBZ Datasheet HTML 6Page - Analog Devices AD9234-1000EBZ Datasheet HTML 7Page - Analog Devices AD9234-1000EBZ Datasheet HTML 8Page - Analog Devices AD9234-1000EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
12-Bit, 1 GSPS/500 MSPS JESD204B,
Dual Analog-to-Digital Converter
Data Sheet
AD9234
FEATURES
JESD204B (Subclass 1) coded serial digital outputs
1.5 W total power per channel at 1 GSPS (default settings)
SFDR
79 dBFS at 340 MHz (1 GSPS)
86 dBFS at 340 MHz (500 MSPS)
SNR
63.4 dBFS at 340 MHz (AIN = −1.0 dBFS, 1 GSPS)
65.6 dBFS at 340 MHz (AIN = −1.0 dBFS, 500 MSPS)
ENOB = 10.4 bits at 10 MHz
DNL = ±0.16 LSB; INL = ±0.35 LSB
Noise density
−151 dBFS/Hz (1 GSPS)
−150 dBFS/Hz (500 MSPS)
1.25 V, 2.5 V, and 3.3 V dc supply operation
Low swing full scale input
1.34 V p-p nominal (1 GSPS)
1.63 V p-p nominal (500 MSPS)
No missing codes
Internal ADC voltage reference
Flexible termination impedance
400 Ω, 200 Ω, 100 Ω, and 50 Ω differential
2 GHz usable analog input full power bandwidth
95 dB channel isolation/crosstalk
Amplitude detect bits for efficient AGC implementation
Differential clock input
Optional decimate-by-2 DDC per channel
Differential clock input
Integer clock divide by 1, 2, 4, or 8
Flexible JESD204B lane configurations
Small signal dither
APPLICATIONS
Communications
Diversity multiband, multimode digital receivers
3G/4G, TD-SCDMA, W-CDMA, GSM, LTE
Point-to-point radio systems
Digital predistortion observation path
General-purpose software radios
Ultrawideband satellite receiver
Instrumentation (spectrum analyzers, network analyzers,
integrated RF test solutions)
Digital oscilloscopes
High speed data acquisition systems
DOCSIS 3.0 CMTS upstream receive paths
HFC digital reverse path receivers
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
PRODUCT HIGHLIGHTS
1. Low power consumption analog core, 12-bit, 1.0 GSPS dual
analog-to-digital converter (ADC) with 1.5 W per channel.
2. Wide full power bandwidth supports IF sampling of signals
up to 2 GHz.
3. Buffered inputs with programmable input termination
eases filter design and implementation.
4. Flexible serial port interface (SPI) controls various product
features and functions to meet specific system requirements.
5. Programmable fast overrange detection.
6. 9 mm × 9 mm 64-lead LFCSP.
7. Pin compatible with the AD9680 14-bit, 1 GSPS/500 MSPS
dual ADC.
VIN+A
VIN–A
VIN+B
VIN–B
CLK+
CLK–
AD9234
SERDOUT0±
SERDOUT1±
SERDOUT2±
SERDOUT3±
÷2
÷4
SYSREF±
CLOCK
GENERATION
AND ADJUST
12
12
PDWN/
STBY
SYNCINB±
FD_A
FD_B
BUFFER
BUFFER
JESD204B
SUBCLASS 1
CONTROL
V_1P0
÷8
FAST
DETECT
AGND
DRGND DGND SDIO SCLK CSB
AVDD1
(1.25V)
AVDD2
(2.5V)
AVDD3
(3.3V)
AVDD1_SR
(1.25V)
DVDD
(1.25V)
DRVDD
(1.25V)
SPIVDD
(1.8V TO 3.3V)
4
SIGNAL
MONITOR
ADC
CORE
ADC
CORE
SPI CONTROL
DECIMATE
BY 2
DECIMATE
BY 2
SIGNAL
MONITOR
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - AD9234-1000EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9234-1000EBZ AD-AD9234-1000EBZ Datasheet
1Mb / 67P
   Dual Analog-to-Digital Converter
AD9234-1000EBZ AD-AD9234-1000EBZ Datasheet
1Mb / 72P
   12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
Rev. B
More results

Similar Description - AD9234-1000EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9234 AD-AD9234_V01 Datasheet
1Mb / 72P
   12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
Rev. B
AD9690 AD-AD9690 Datasheet
2Mb / 77P
   14-Bit, 1 GSPS/500 MSPS JESD204B, Analog-to-Digital Converter
AD9207 AD-AD9207 Datasheet
252Kb / 5P
   12-Bit, 6 GSPS, JESD204B/C Dual Analog-to-Digital Converter
AD9213S-CSH AD-AD9213S-CSH Datasheet
2Mb / 23P
   12-Bit, 10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
Rev. 0
AD9213 AD-AD9213 Datasheet
2Mb / 110P
   12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
Rev. A
AD9694-EP AD-AD9694-EP Datasheet
614Kb / 15P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. A
AD9694 AD-AD9694 Datasheet
2Mb / 101P
   14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
AD9694S-CSL AD-AD9694S-CSL Datasheet
525Kb / 16P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. 0
AD9208 AD-AD9208 Datasheet
1Mb / 137P
   14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
logo
Texas Instruments
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com