Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9680BCPZ-1250 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9680BCPZ-1250
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680BCPZ-1250 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9680BCPZ-1250 Datasheet HTML 6Page - Analog Devices AD9680BCPZ-1250 Datasheet HTML 7Page - Analog Devices AD9680BCPZ-1250 Datasheet HTML 8Page - Analog Devices AD9680BCPZ-1250 Datasheet HTML 9Page - Analog Devices AD9680BCPZ-1250 Datasheet HTML 10Page - Analog Devices AD9680BCPZ-1250 Datasheet HTML 11Page - Analog Devices AD9680BCPZ-1250 Datasheet HTML 12Page - Analog Devices AD9680BCPZ-1250 Datasheet HTML 13Page - Analog Devices AD9680BCPZ-1250 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 97 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
AD9680
Data Sheet
Rev. C | Page 10 of 97
TIMING SPECIFICATIONS
Table 5.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
CLK+ to SYSREF+ TIMING REQUIREMENTS
See Figure 3
tSU_SR
Device clock to SYSREF+ setup time
117
ps
tH_SR
Device clock to SYSREF+ hold time
−96
ps
SPI TIMING REQUIREMENTS
See Figure 4
tDS
Setup time between the data and the rising edge of SCLK
2
ns
tDH
Hold time between the data and the rising edge of SCLK
2
ns
tCLK
Period of the SCLK
40
ns
tS
Setup time between CSB and SCLK
2
ns
tH
Hold time between CSB and SCLK
2
ns
tHIGH
Minimum period that SCLK must be in a logic high state
10
ns
tLOW
Minimum period that SCLK must be in a logic low state
10
ns
tACCESS
Maximum time delay between falling edge of SCLK and output
data valid for a read operation
6
10
ns
tDIS_SDIO
Time required for the SDIO pin to switch from an output to an
input relative to the SCLK rising edge (not shown in Figure 4)
10
ns
Timing Diagrams
SERDOUT0–
N – 54
N – 53
N – 52
N – 51
N – 1
SAMPLE N
N + 1
APERTURE
DELAY
N – 55
CLK+
CLK–
CLK+
CLK–
SERDOUT0+
SERDOUT1–
SERDOUT1+
SERDOUT2–
SERDOUT2+
SERDOUT3–
SERDOUT3+
A
B
C
D
E
F
G
H
I
J
A
B
C
D
E
F
G
H
I
J
A
B
C
D
E
F
G
H
I
J
A
B
C
D
E
F
G
H
I
J
A
B
C
D
E
F
G
H
I
J
A
B
C
D
E
F
G
H
I
J
A
B
C
D
E
F
G
H
I
J
A
B
C
D
E
F
G
H
I
J
A
B
C
D
E
F
G
H
I
J
A
B
C
D
E
F
G
H
I
J
A
B
C
D
E
F
G
H
I
J
A
B
C
D
E
F
G
H
I
J
CONVERTER0 MSB
CONVERTER0 LSB
CONVERTER1 MSB
CONVERTER1 LSB
ANALOG
INPUT
SIGNAL
SAMPLE N – 55
ENCODED INTO 1
8-BIT/10-BIT SYMBOL
SAMPLE N – 54
ENCODED INTO 1
8-BIT/10-BIT SYMBOL
SAMPLE N – 53
ENCODED INTO 1
8-BIT/10-BIT SYMBOL
Figure 2. Data Output Timing (Full Bandwidth Mode; L = 4; M = 2; F = 1)


Similar Part No. - AD9680BCPZ-1250

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9680BCPZ-1250 AD-AD9680BCPZ-1250 Datasheet
3Mb / 99P
   Dual Analog-to-Digital Converter
More results

Similar Description - AD9680BCPZ-1250

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9684 AD-AD9684 Datasheet
1Mb / 64P
   Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
AD9691 AD-AD9691 Datasheet
1Mb / 72P
   14-Bit, 1.25 GSPS JESD204B, Dual Analog-to-Digital Converter
AD9739 AD-AD9739 Datasheet
1Mb / 50P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
AD9739BBCZ AD-AD9739BBCZ Datasheet
856Kb / 48P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. B
AD9739A AD-AD9739A Datasheet
1Mb / 44P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. 0
AD9625 AD-AD9625 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9208 AD-AD9208 Datasheet
1Mb / 137P
   14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com