Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3WVR31212AZLEX Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3WVR31212AZLEX
Description  DP/HDMI 1:2 De-multiplexer switches
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3WVR31212AZLEX Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3WVR31212AZLEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3WVR31212AZLEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3WVR31212AZLEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3WVR31212AZLEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3WVR31212AZLEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3WVR31212AZLEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3WVR31212AZLEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3WVR31212AZLEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3WVR31212AZLEX Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
PI3WVR31212A
DP/HDMI 1:2 De-multiplexer switches
www.pericom.com
12/15/15
All trademarks are property of their respective owners.
Pin#
Pin Name
Signal Type Description
51
6
CAB_1
CAB_SRC
IO
CAB_1: CAB_DET to port1
CAB_SRC: CAB_DET to DP-source
No CAB_DET for HDMI port2
1
OEB
I
OEB=0, device active; OEB=1, device shut down
15
SDA_CTL/PRI_SE
I
MS=0, PRI_SEL selects priority in pin control mode;
MS=1, SDA_CTL as SDA in I2C control mode
16
SCL_CTL/EQ
IO
MS=0, EQ selects equalization in pin control mode;
MS=1, SCL_CTL as SCL in I2C control mode
17
I2C_A1/PRE_EMP
I
MS=0, PRE_EMP selects Pre-emphasis in pin control mode;
MS=1, I2C_A1 as I2C address A1 in I2C control mode
18
I2C_A2/ROUT_SEL
I
MS=0, ROUT_SEL selects source termination in pin control
mode;
MS=1, I2C_A2 as I2C address A2 in I2C control mode
31
MS
I
Mode Select:
MS=0 for pin control mode
MS=1 for I2C control mode
33
CEXT
O
Internal LDO bypass capacitance, 4.7uf to GND
4, 23, 28, 50
VDD
Power
3.3V VDD
20, 34, 37, 41, 55, 56,
Center Pad
GND
Ground
Bottom GND EPAD
35, 36, 38, 39, 40, 54
NC
NC
Not Connected
15-0163


Similar Part No. - PI3WVR31212AZLEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3WVR31310A PERICOM-PI3WVR31310A Datasheet
1Mb / 16P
   DP/HDMI 1:3 De-mux/Mux switches
logo
Diodes Incorporated
PI3WVR31310A DIODES-PI3WVR31310A Datasheet
1Mb / 17P
   DP/HDMI 1:3 De-mux/Mux Switches
01/09/17
logo
Pericom Semiconductor C...
PI3WVR31310AZLE PERICOM-PI3WVR31310AZLE Datasheet
1Mb / 16P
   DP/HDMI 1:3 De-mux/Mux switches
logo
Diodes Incorporated
PI3WVR31310AZLE DIODES-PI3WVR31310AZLE Datasheet
1Mb / 17P
   DP/HDMI 1:3 De-mux/Mux Switches
01/09/17
logo
Pericom Semiconductor C...
PI3WVR31310AZLEX PERICOM-PI3WVR31310AZLEX Datasheet
1Mb / 16P
   DP/HDMI 1:3 De-mux/Mux switches
More results

Similar Description - PI3WVR31212AZLEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3WVR31313A PERICOM-PI3WVR31313A Datasheet
1Mb / 27P
   DP/HDMI 1:3 De-multiplexer switches
logo
Diodes Incorporated
PI3WVR31310A DIODES-PI3WVR31310A Datasheet
1Mb / 17P
   DP/HDMI 1:3 De-mux/Mux Switches
01/09/17
logo
Pericom Semiconductor C...
PI3WVR31310A PERICOM-PI3WVR31310A Datasheet
1Mb / 16P
   DP/HDMI 1:3 De-mux/Mux switches
logo
Fairchild Semiconductor
FSAL200 FAIRCHILD-FSAL200_07 Datasheet
259Kb / 11P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
logo
ON Semiconductor
FSAL200 ONSEMI-FSAL200 Datasheet
320Kb / 13P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
October 2007 Rev. 1.7.1
logo
Fairchild Semiconductor
NC7SBU3157 FAIRCHILD-NC7SBU3157_08 Datasheet
845Kb / 10P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
FSA3157B FAIRCHILD-FSA3157B Datasheet
559Kb / 10P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
FSA3157B FAIRCHILD-FSA3157B_12 Datasheet
486Kb / 11P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
logo
ON Semiconductor
NC7SBU3157 ONSEMI-NC7SBU3157 Datasheet
522Kb / 12P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
June 2009 Rev. 1.0.5
MC100LVEL58 ONSEMI-MC100LVEL58 Datasheet
66Kb / 4P
   2:1 Multiplexer
February, 2000 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com