Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9684 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9684
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9684 Datasheet(HTML) 5 Page - Analog Devices

  AD9684 Datasheet HTML 1Page - Analog Devices AD9684 Datasheet HTML 2Page - Analog Devices AD9684 Datasheet HTML 3Page - Analog Devices AD9684 Datasheet HTML 4Page - Analog Devices AD9684 Datasheet HTML 5Page - Analog Devices AD9684 Datasheet HTML 6Page - Analog Devices AD9684 Datasheet HTML 7Page - Analog Devices AD9684 Datasheet HTML 8Page - Analog Devices AD9684 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Data Sheet
AD9684
Rev. 0 | Page 5 of 64
AC SPECIFICATIONS
AVDD1 = 1.25 V, AVDD2 = 2.5 V, AVDD3 = 3.3 V, DVDD = 1.25 V, DRVDD = 1.25 V, SPIVDD = 1.8 V, specified maximum sampling
rate (500 MSPS), 1.7 V p-p full-scale differential input, 1.0 V internal reference, AIN = −1.0 dBFS, default SPI settings, TA = 25°C, unless
otherwise noted.
Table 2.
Parameter1
Temperature
Min
Typ
Max
Unit
ANALOG INPUT FULL SCALE
Full
2.06
V p-p
NOISE DENSITY2
Full
−153
dBFS/Hz
SIGNAL-TO-NOISE RATIO (SNR)3
fIN = 10 MHz
25°C
69.2
dBFS
fIN = 170 MHz
Full
67.5
68.6
dBFS
fIN = 340 MHz
25°C
68.4
dBFS
fIN = 450 MHz
25°C
68.0
dBFS
fIN = 765 MHz
25°C
64.4
dBFS
fIN = 985 MHz
25°C
63.8
dBFS
fIN = 1950 MHz
25°C
60.5
dBFS
SIGNAL-TO-NOISE RATIO AND DISTORTION RATIO (SINAD)3
fIN = 10 MHz
25°C
68.7
dBFS
fIN = 170 MHz
Full
67
68.5
dBFS
fIN = 340 MHz
25°C
67.6
dBFS
fIN = 450 MHz
25°C
67.2
dBFS
fIN = 765 MHz
25°C
63.8
dBFS
fIN = 985 MHz
25°C
62.5
dBFS
fIN = 1950 MHz
25°C
58.3
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 10 MHz
25°C
11.1
Bits
fIN = 170 MHz
Full
10.8
10.9
Bits
fIN = 340 MHz
25°C
10.8
Bits
fIN = 450 MHz
25°C
10.8
Bits
fIN = 765 MHz
25°C
10.3
Bits
fIN = 985 MHz
25°C
10.1
Bits
fIN = 1950 MHz
25°C
9.5
Bits
SPURIOUS-FREE DYNAMIC RANGE (SFDR)3
fIN = 10 MHz
25°C
83
dBFS
fIN = 170 MHz
Full
76
85
dBFS
fIN = 340 MHz
25°C
82
dBFS
fIN = 450 MHz
25°C
86
dBFS
fIN = 765 MHz
25°C
81
dBFS
fIN = 985 MHz
25°C
76
dBFS
fIN = 1950 MHz
25°C
69
dBFS
WORST HARMONIC, SECOND OR THIRD3
fIN = 10 MHz
25°C
−83
dBFS
fIN = 170 MHz
Full
−85
−76
dBFS
fIN = 340 MHz
25°C
−82
dBFS
fIN = 450 MHz
25°C
−86
dBFS
fIN = 765 MHz
25°C
−81
dBFS
fIN = 985 MHz
25°C
−76
dBFS
fIN = 1950 MHz
25°C
−69
dBFS


Similar Part No. - AD9684

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9684 AD-AD9684 Datasheet
1Mb / 65P
   Dual Analog-to-Digital Converter
AD9684-500EBZ AD-AD9684-500EBZ Datasheet
1Mb / 65P
   Dual Analog-to-Digital Converter
AD9684BBPZ-500 AD-AD9684BBPZ-500 Datasheet
1Mb / 65P
   Dual Analog-to-Digital Converter
AD9684BBPZRL7-500 AD-AD9684BBPZRL7-500 Datasheet
1Mb / 65P
   Dual Analog-to-Digital Converter
AD9684 AD-AD9684_17 Datasheet
1Mb / 65P
   Dual Analog-to-Digital Converter
More results

Similar Description - AD9684

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9680 AD-AD9680 Datasheet
3Mb / 97P
   Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
AD9691 AD-AD9691 Datasheet
1Mb / 72P
   14-Bit, 1.25 GSPS JESD204B, Dual Analog-to-Digital Converter
AD9739 AD-AD9739 Datasheet
1Mb / 50P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
AD9739BBCZ AD-AD9739BBCZ Datasheet
856Kb / 48P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. B
AD9739A AD-AD9739A Datasheet
1Mb / 44P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. 0
AD9625 AD-AD9625 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9208 AD-AD9208 Datasheet
1Mb / 137P
   14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com