Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9691BCPZRL7-1250 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9691BCPZRL7-1250
Description  14-Bit, 1.25 GSPS JESD204B, Dual Analog-to-Digital Converter
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9691BCPZRL7-1250 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9691BCPZRL7-1250 Datasheet HTML 2Page - Analog Devices AD9691BCPZRL7-1250 Datasheet HTML 3Page - Analog Devices AD9691BCPZRL7-1250 Datasheet HTML 4Page - Analog Devices AD9691BCPZRL7-1250 Datasheet HTML 5Page - Analog Devices AD9691BCPZRL7-1250 Datasheet HTML 6Page - Analog Devices AD9691BCPZRL7-1250 Datasheet HTML 7Page - Analog Devices AD9691BCPZRL7-1250 Datasheet HTML 8Page - Analog Devices AD9691BCPZRL7-1250 Datasheet HTML 9Page - Analog Devices AD9691BCPZRL7-1250 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
AD9691
Data Sheet
Rev. 0 | Page 6 of 72
Parameter
Temperature
Min
Typ
Max
Unit
LOGIC INPUTS (SDIO, SCLK, CSB, PDWN/STBY)
Logic Compliance
Full
CMOS
Logic 1 Voltage
Full
0.8 × SPIVDD
V
Logic 0 Voltage
Full
0
0.5
V
Input Resistance
Full
30
LOGIC OUTPUT (SDIO)
Logic Compliance
Full
CMOS
Logic 1 Voltage (IOH = 800 µA)
Full
0.8 × SPIVDD
V
Logic 0 Voltage (IOL = 50 µA)
Full
0
0.5
V
SYNC INPUTS (SYNCINB+, SYNCINB−)
Logic Compliance
Full
LVDS/LVPECL/CMOS
Differential Input Voltage
Full
400
1200
1800
mV p-p
Input Common-Mode Voltage
Full
0.6
0.85
2.0
V
Input Resistance (Differential)
Full
35
Input Capacitance
Full
2.5
pF
LOGIC OUTPUTS (FD_A, FD_B)
Logic Compliance
Full
CMOS
Logic 1 Voltage
Full
0.8 × SPIVDD
V
Logic 0 Voltage
Full
0
0.5
V
Input Resistance
Full
30
DIGITAL OUTPUTS (SERDOUTx±, x = 0 TO 7)
Logic Compliance
Full
CML
Differential Output Voltage
Full
360
770
mV p-p
Output Common-Mode Voltage (VCM), AC-Coupled
25°C
0
1.8
V
Short-Circuit Current (IDSHORT)
25°C
−100
+100
mA
Differential Return Loss (RLDIFF)1
25°C
8
dB
Common-Mode Return Loss (RLCM)1
25°C
6
dB
Differential Termination Impedance
Full
80
100
120
Ω
1
Differential and common-mode return loss is measured from 100 MHz to 0.75 MHz × baud rate.
SWITCHING SPECIFICATIONS
AVDD1 = 1.25 V, AVDD2 = 2.50 V, AVDD3 = 3.3 V, AVDD1_SR = 1.25 V, DVDD = 1.25 V, DRVDD = 1.25 V, SPIVDD = 1.8 V, specified
maximum sampling rate (1250 MSPS), 1.58 V p-p full-scale differential input, AIN = −1.0 dBFS, clock divider = 2, default SPI settings,
TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Temperature
Min
Typ
Max
Unit
CLOCK
Clock Rate (at CLK+/CLK− Pins)
Full
0.3
4
GHz
Maximum Sample Rate1
Full
1250
MSPS
Minimum Sample Rate2
Full
300
MSPS
Clock Pulse Width
High
Full
400
ps
Low
Full
400
ps
OUTPUT PARAMETERS
Unit Interval (UI)3
Full
320
160
ps
Rise Time (tR) (20% to 80% into 100 Ω Load)
25°C
24
32
ps
Fall Time (tF) (20% to 80% into 100 Ω Load)
25°C
24
32
ps
PLL Lock Time
25°C
2
ms
Data Rate per Channel (NRZ)4
25°C
3.125
6.25
12.5
Gbps


Similar Part No. - AD9691BCPZRL7-1250

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9691BCPZRL7-1250 AD-AD9691BCPZRL7-1250 Datasheet
1Mb / 73P
   Dual Analog-to-Digital Converter
More results

Similar Description - AD9691BCPZRL7-1250

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9208 AD-AD9208 Datasheet
1Mb / 137P
   14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
AD9699 AD-AD9699 Datasheet
7Mb / 121P
   14-Bit, 3 GSPS, JESD204B, Single Analog-to-Digital Converter
AD9690 AD-AD9690 Datasheet
2Mb / 77P
   14-Bit, 1 GSPS/500 MSPS JESD204B, Analog-to-Digital Converter
AD9207 AD-AD9207 Datasheet
252Kb / 5P
   12-Bit, 6 GSPS, JESD204B/C Dual Analog-to-Digital Converter
AD9684 AD-AD9684 Datasheet
1Mb / 64P
   Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
AD9680 AD-AD9680 Datasheet
3Mb / 97P
   Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
AD9213 AD-AD9213 Datasheet
2Mb / 110P
   12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
Rev. A
AD9213S-CSH AD-AD9213S-CSH Datasheet
2Mb / 23P
   12-Bit, 10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
Rev. 0
AD9234 AD-AD9234 Datasheet
1Mb / 66P
   12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
logo
Texas Instruments
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com