Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9690BCPZRL7-500 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9690BCPZRL7-500
Description  14-Bit, 1 GSPS/500 MSPS JESD204B, Analog-to-Digital Converter
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9690BCPZRL7-500 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9690BCPZRL7-500 Datasheet HTML 6Page - Analog Devices AD9690BCPZRL7-500 Datasheet HTML 7Page - Analog Devices AD9690BCPZRL7-500 Datasheet HTML 8Page - Analog Devices AD9690BCPZRL7-500 Datasheet HTML 9Page - Analog Devices AD9690BCPZRL7-500 Datasheet HTML 10Page - Analog Devices AD9690BCPZRL7-500 Datasheet HTML 11Page - Analog Devices AD9690BCPZRL7-500 Datasheet HTML 12Page - Analog Devices AD9690BCPZRL7-500 Datasheet HTML 13Page - Analog Devices AD9690BCPZRL7-500 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 77 page
background image
AD9690
Data Sheet
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Electrical
AVDD1 to AGND
1.32 V
AVDD1_SR to AGND
1.32 V
AVDD2 to AGND
2.75 V
AVDD3 to AGND
3.63 V
DVDD to DGND
1.32 V
DRVDD to DRGND
1.32 V
SPIVDD to AGND
3.63 V
AGND to DRGND
−0.3 V to +0.3 V
VIN± to AGND
3.2 V
SCLK, SDIO, CSB to AGND
−0.3 V to SPIVDD + 0.3 V
PDWN/STBY to AGND
−0.3 V to SPIVDD + 0.3 V
Environmental
Operating Temperature Range
−40°C to +85°C
Junction Temperature Range
−40°C to +115°C
Storage Temperature Range
(Ambient)
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL CHARACTERISTICS
Typical θJA, θJB, and θJC are specified vs. the number of printed
circuit board (PCB) layers in different airflow velocities (in m/sec).
Airflow increases heat dissipation effectively reducing θJA and
θJB. In addition, metal in direct contact with the package leads
and exposed pad from metal traces, through holes, ground, and
power planes, reduces θJA. Thermal performance for actual
applications requires careful inspection of the conditions in
an application. The use of appropriate thermal management
techniques is recommended to ensure that the maximum
junction temperature does not exceed the limits shown in Table 6.
Table 7. Thermal Resistance Values
PCB
Type
Airflow
Velocity
(m/sec)
θJA
ΨJB
θJC_TOP
θJC_BOT
Unit
JEDEC
2s2p
Board
0.0
17.81, 2
6.31, 3
4.71, 4
1.21, 4
°C/W
1.0
15.61, 2
5.91, 3
N/A5
°C/W
2.5
15.01, 2
5.71, 3
N/A5
°C/W
1
Per JEDEC 51-7, plus JEDEC 51-5 2s2p test board.
2
Per JEDEC JESD51-2 (still air) or JEDEC JESD51-6 (moving air).
3
Per JEDEC JESD51-8 (still air).
4
Per MIL-STD 883, Method 1012.1.
5
N/A means not applicable.
ESD CAUTION
Rev. 0 | Page 10 of 77


Similar Part No. - AD9690BCPZRL7-500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9690BCPZRL7-500 AD-AD9690BCPZRL7-500 Datasheet
2Mb / 79P
   Analog-to-Digital Converter
More results

Similar Description - AD9690BCPZRL7-500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9234 AD-AD9234 Datasheet
1Mb / 66P
   12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
AD9234 AD-AD9234_V01 Datasheet
1Mb / 72P
   12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
Rev. B
AD9694-EP AD-AD9694-EP Datasheet
614Kb / 15P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. A
AD9694 AD-AD9694 Datasheet
2Mb / 101P
   14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
AD9694S-CSL AD-AD9694S-CSL Datasheet
525Kb / 16P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. 0
AD9208 AD-AD9208 Datasheet
1Mb / 137P
   14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
AD9699 AD-AD9699 Datasheet
7Mb / 121P
   14-Bit, 3 GSPS, JESD204B, Single Analog-to-Digital Converter
AD9697 AD-AD9697 Datasheet
1Mb / 130P
   14-Bit, 1300 MSPS, JESD204B, Analog-to-Digital Converter
Rev. 0
AD9691 AD-AD9691 Datasheet
1Mb / 72P
   14-Bit, 1.25 GSPS JESD204B, Dual Analog-to-Digital Converter
AD9683 AD-AD9683 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com