Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16460AMLZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADIS16460AMLZ
Description  Compact, Precision, Six Degrees of Freedom Inertial Sensor
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16460AMLZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADIS16460AMLZ Datasheet HTML 2Page - Analog Devices ADIS16460AMLZ Datasheet HTML 3Page - Analog Devices ADIS16460AMLZ Datasheet HTML 4Page - Analog Devices ADIS16460AMLZ Datasheet HTML 5Page - Analog Devices ADIS16460AMLZ Datasheet HTML 6Page - Analog Devices ADIS16460AMLZ Datasheet HTML 7Page - Analog Devices ADIS16460AMLZ Datasheet HTML 8Page - Analog Devices ADIS16460AMLZ Datasheet HTML 9Page - Analog Devices ADIS16460AMLZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
ADIS16460
Data Sheet
Rev. 0 | Page 6 of 26
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Acceleration (Shock)
Any Axis, Unpowered
2000 g
Any Axis, Powered
2000 g
VDD to GND
−0.3 V to +3.45 V
Digital Input Voltage to GND
−0.3 V to +5.3 V
Digital Output Voltage to GND
−0.3 V to +VDD + 0.3 V
Temperature
Operating Range
−25°C to +85°C
Storage Range
−65°C to +125°C1, 2
1 Extended exposure to temperatures outside the specified temperature
range of −25°C to +85°C can adversely affect the accuracy of the factory
calibration. For best accuracy, store the parts within the specified operating
range of −25°C to +85°C.
2 Although the device is capable of withstanding short-term exposure to
150°C, long-term exposure threatens internal mechanical integrity.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
Table 4. Package Characteristics
Package Type
θ
JA (°C/W)
θ
JC (°C/W)
Mass (grams)
14-Lead Module
36.5
16.9
15
ESD CAUTION


Similar Part No. - ADIS16460AMLZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16465 AD-ADIS16465 Datasheet
749Kb / 33P
   Precision MEMS IMU Module
ADIS16465-1BMLZ AD-ADIS16465-1BMLZ Datasheet
749Kb / 33P
   Precision MEMS IMU Module
ADIS16465-2BMLZ AD-ADIS16465-2BMLZ Datasheet
749Kb / 33P
   Precision MEMS IMU Module
ADIS16465-3BMLZ AD-ADIS16465-3BMLZ Datasheet
749Kb / 33P
   Precision MEMS IMU Module
ADIS16467 AD-ADIS16467 Datasheet
758Kb / 34P
   Precision MEMS IMU Module
More results

Similar Description - ADIS16460AMLZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16446 AD-ADIS16446 Datasheet
590Kb / 23P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16445 AD-ADIS16445_15 Datasheet
458Kb / 22P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16445 AD-ADIS16445 Datasheet
526Kb / 24P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
REV. A
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16486 AD-ADIS16486 Datasheet
1Mb / 38P
   Six Degrees of Freedom Inertial Sensor
ADIS16364 AD-ADIS16364 Datasheet
257Kb / 16P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16448AMLZ AD-ADIS16448AMLZ Datasheet
564Kb / 24P
   Compact, Precision Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com