Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM110N1BRZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADuM110N1BRZ
Description  3.0 kV RMS, Single-Channel Digital Isolator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM110N1BRZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADuM110N1BRZ Datasheet HTML 4Page - Analog Devices ADuM110N1BRZ Datasheet HTML 5Page - Analog Devices ADuM110N1BRZ Datasheet HTML 6Page - Analog Devices ADuM110N1BRZ Datasheet HTML 7Page - Analog Devices ADuM110N1BRZ Datasheet HTML 8Page - Analog Devices ADuM110N1BRZ Datasheet HTML 9Page - Analog Devices ADuM110N1BRZ Datasheet HTML 10Page - Analog Devices ADuM110N1BRZ Datasheet HTML 11Page - Analog Devices ADuM110N1BRZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADuM110N
Data Sheet
Rev. 0 | Page 8 of 16
REGULATORY INFORMATION
See Table 15 and the Insulation Lifetime section for details regarding recommended maximum working voltages for specific cross-
isolation waveforms and insulation levels.
Table 11.
UL (Pending)
CSA (Pending)
VDE (Pending)
CQC (Pending)
Recognized Under 1577
Component Recognition
Program1
Approved under CSA Component Acceptance
Notice 5A
Certified according to
DIN V VDE V 0884-10 (VDE
V 0884-10):2006-122
Certified by
CQC11-471543-2012
Single Protection, 3000 V rms
Isolation Voltage
CSA 60950-1-07+A1+A2 and IEC 60950-1,
Second Edition, +A1+A2
Basic insulation
565 V peak, VIOSM =
10 kV peak
GB4943.1-2011
Basic insulation at 400 V rms (565 V peak)
Double Protection, 3000 V rms
Isolation Voltage
Reinforced insulation at 200 V rms (283 V peak)
IEC 60601-1 Edition 3.1
Reinforced insulation,
565 V peak, VIOSM =
6000 V peak
Basic insulation at
770 V rms (1089 V peak),
reinforced insulation at
385 V rms (545 V peak),
tropical climate, altitude
≤5000 meters
Basic insulation (1 MOPP), 250 V rms (354 V peak)
CSA 61010-1-12 and IEC 61010-1 Third Edition
Basic insulation at 300 V rms (main),
400 V rms (565 V peak)
Reinforced insulation at 300 V rms (main),
200 V (secondary) (283 V peak)
File E214100
File 205078
File 2471900-4880-0001
File (pending)
1 In accordance with UL 1577, each ADuM110N is proof tested by applying an insulation test voltage ≥ 3600 V rms for 1 sec.
2 In accordance with DIN V VDE V 0884-10, each ADuM110N is proof tested by applying an insulation test voltage ≥ 1059 V peak for 1 sec (partial discharge detection
limit = 5 pC). The * marking branded on the component designates DIN V VDE V 0884-10 approval.
DIN V VDE V 0884-10 (VDE V 0884-10) INSULATION CHARACTERISTICS
This isolator is suitable for reinforced electrical isolation only within the safety limit data. Protective circuits ensure the maintenance of
the safety data. The * marking on packages denotes DIN V VDE V 0884-10 approval.
Table 12.
Description
Test Conditions/Comments
Symbol
Characteristic
Unit
Installation Classification per DIN VDE 0110
For Rated Mains Voltage ≤ 150 V rms
I to IV
For Rated Mains Voltage ≤ 300 V rms
I to III
For Rated Mains Voltage ≤ 400 V rms
I to III
Climatic Classification
40/105/21
Pollution Degree per DIN VDE 0110, Table 1
2
Maximum Working Insulation Voltage
VIORM
565
V peak
Input to Output Test Voltage, Method B1
VIORM × 1.875 = Vpd (m), 100% production test,
tini = tm = 1 sec, partial discharge < 5 pC
Vpd (m)
1059
V peak
Input to Output Test Voltage, Method A
After Environmental Tests Subgroup 1
VIORM × 1.5 = Vpd (m), tini = 60 sec, tm = 10 sec,
partial discharge < 5 pC
Vpd (m)
848
V peak
After Input and/or Safety Test Subgroup 2
and Subgroup 3
VIORM × 1.2 = Vpd (m), tini = 60 sec, tm = 10 sec,
partial discharge < 5 pC
678
V peak
Highest Allowable Overvoltage
VIOTM
4200
V peak
Surge Isolation Voltage
Basic
V peak = 10.0 kV, 1.2 μs rise time, 50 μs,
50% fall time
VIOSM
10,000
V peak
Reinforced
V peak = 10.0 kV, 1.2 μs rise time, 50 μs,
50% fall time
VIOSM
6000
V peak


Similar Part No. - ADuM110N1BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1100 AD-ADUM1100 Datasheet
167Kb / 16P
   iCoupler Digital Isolator
REV. E
logo
Texas Instruments
ADUM1100 TI-ADUM1100 Datasheet
668Kb / 24P
[Old version datasheet]   3.3-V/5-V HIGH-SPEED DIGITAL ISOLATORS
logo
Analog Devices
ADUM1100 AD-ADUM1100 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADUM1100AR AD-ADUM1100AR Datasheet
167Kb / 16P
   iCoupler Digital Isolator
REV. E
ADuM1100AR AD-ADuM1100AR Datasheet
384Kb / 20P
   iCoupler Digital Isolator
Rev. I
More results

Similar Description - ADuM110N1BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM210N AD-ADUM210N Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM120N AD-ADUM120N Datasheet
500Kb / 19P
   3.0 kV rms, Dual-Channel Digital Isolators
logo
List of Unclassifed Man...
PAI163M31 ETC-PAI163M31 Datasheet
1Mb / 19P
   10Mbps Hexa-Channel Digital Isolators Enhanced ESD, 3.0 kV rms/5.0 kV rms
Rev.1.8
logo
Analog Devices
ADN4624 AD-ADN4624_V01 Datasheet
3Mb / 23P
   5.7 kV RMS/1.5 kV RMS, Quad-Channel LVDS 2.5 Gigabit Isolator
Rev. A
ADN4620 AD-ADN4620 Datasheet
2Mb / 24P
   3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolator
Rev. 0
ADN4624 AD-ADN4624 Datasheet
3Mb / 20P
   5.7 kV RMS, Quad-Channel LVDS 2.5 Gigabit Isolator
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com