Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM4150ARIZ-RL Datasheet(PDF) 5 Page - Analog Devices

Part # ADuM4150ARIZ-RL
Description  5 kV, 6-Channel, SPIsolator Digital
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM4150ARIZ-RL Datasheet(HTML) 5 Page - Analog Devices

  ADuM4150ARIZ-RL Datasheet HTML 1Page - Analog Devices ADuM4150ARIZ-RL Datasheet HTML 2Page - Analog Devices ADuM4150ARIZ-RL Datasheet HTML 3Page - Analog Devices ADuM4150ARIZ-RL Datasheet HTML 4Page - Analog Devices ADuM4150ARIZ-RL Datasheet HTML 5Page - Analog Devices ADuM4150ARIZ-RL Datasheet HTML 6Page - Analog Devices ADuM4150ARIZ-RL Datasheet HTML 7Page - Analog Devices ADuM4150ARIZ-RL Datasheet HTML 8Page - Analog Devices ADuM4150ARIZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Data Sheet
ADuM4150
ELECTRICAL CHARACTERISTICS—3.3 V OPERATION
All typical specifications are at TA = 25°C and VDD1 = VDD2 = 3.3 V. Minimum and maximum specifications apply over the entire recommended
operation range: 3.0 V ≤ VDD1 ≤ 3.6 V, 3.0 V ≤ VDD2 ≤ 3.6 V, and −40°C ≤ TA ≤ +125°C, unless otherwise noted. Switching specifications
are tested with CL = 15 pF and CMOS signal levels, unless otherwise noted.
Table 4. Switching Specifications
Parameter
Symbol
A Grade
B Grade
Unit
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
MCLK, MO, SO
SPI Clock Rate
SPIMCLK
8.3
12.5
MHz
Data Rate Fast (MO, SO)
DRFAST
40
40
Mbps
Within PWD limit
Propagation Delay
tPHL, tPLH
30
20
ns
50% input to 50% output
Pulse Width
PW
12.5
12.5
ns
Within PWD limit
Pulse Width Distortion
PWD
3
3
ns
|tPLH − tPHL|
Codirectional Channel Matching1
tPSKCD
3
3
ns
Jitter, High Speed
JHS
1
1
ns
MSS
Data Rate Fast
DRFAST
40
40
Mbps
Within PWD limit
Propagation Delay
tPHL, tPLH
30
30
ns
50% input to 50% output
Pulse Width
PW
12.5
12.5
ns
Within PWD limit
Pulse Width Distortion
PWD
3
3
ns
|tPLH − tPHL|
Setup Time2
MSSSETUP
1.5
10
ns
Jitter, High Speed
JHS
1
1
ns
DCLK3
Data Rate
40
40
MHz
Propagation Delay
tPHL, tPLH
60
40
ns
tPMCLK + tPSO + 3 ns
Pulse Width Distortion
PWD
3
3
ns
|tPLH − tPHL|
Pulse Width
PW
12
12
ns
Within PWD limit
Clock Delay Error
DCLKERR
−4
+2.4
+9
−3
+2.5
+8
ns
tPDCLK − (tPMCLK + tPSO)
Jitter
JDCLK
1
1
ns
VIA, VIB
Data Rate Slow
DRSLOW
250
250
kbps
Within PWD limit
Propagation Delay
tPHL, tPLH
0.1
2.6
0.1
2.6
µs
50% input to 50% output
Pulse Width
PW
4
4
µs
Within PWD limit
Jitter, Low Speed
JLS
2.5
2.5
µs
VIx4 Minimum Input Skew5
tVIx SKEW
10
10
ns
1
Codirectional channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on the same side of the isolation barrier.
2
The MSS signal is glitch filtered in both speed grades, whereas the other fast signals are not glitch filtered in the B grade. To guarantee that MSS reaches the output
ahead of another fast signal, set up MSS prior to the competing signal by different times depending on speed grade.
3
tPMCLK is the propagation delay of the MCLK signal from Side 1 to Side 2. tPSO is the propagation delay of the SO signal from Side 2 to Side 1. tPDCLK is the difference
between the DCLK signal and the round trip propagation delay.
4
VIx = VIA or VIB.
5
An internal asynchronous clock, not available to users, samples the low speed signals. If edge sequence in codirectional channels is critical to the end application, the
leading pulse must be at least 1 tVIx SKEW time ahead of a later pulse to guarantee the correct order or simultaneous arrival at the output.
Rev. A | Page 5 of 21


Similar Part No. - ADuM4150ARIZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4150ARIZ-RL AD-ADUM4150ARIZ-RL Datasheet
447Kb / 21P
   5 kV, 6-Channel, SPIsolator Digital Isolator for SPI with Delay Clock
Rev. C
More results

Similar Description - ADuM4150ARIZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4150 AD-ADUM4150_V01 Datasheet
447Kb / 21P
   5 kV, 6-Channel, SPIsolator Digital Isolator for SPI with Delay Clock
Rev. C
ADUM4151 AD-ADUM4151 Datasheet
447Kb / 22P
   5 kV, 7-Channel, SPIsolator Digital Isolators for SPI
ADUM4151 AD-ADUM4151_V01 Datasheet
425Kb / 22P
   5 kV, 7-Channel, SPIsolator Digital Isolators for SPI
Rev. B
ADUM4154 AD-ADUM4154_V01 Datasheet
410Kb / 22P
   5 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
Rev. B
ADUM4154 AD-ADUM4154 Datasheet
427Kb / 22P
   5 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
ADUM3150 AD-ADUM3150 Datasheet
414Kb / 21P
   3.75 kV, 6-Channel, SPIsolator Digital Isolator for SPI with Delay Clock
ADUM3150 AD-ADUM3150_V01 Datasheet
415Kb / 21P
   3.75 kV, 6-Channel, SPIsolator Digital Isolator for SPI with Delay Clock
Rev. C
ADUM3151 AD-ADUM3151_V01 Datasheet
421Kb / 22P
   3.75 kV, 7-Channel, SPIsolator Digital Isolators for SPI
Rev. B
ADUM3151 AD-ADUM3151 Datasheet
454Kb / 22P
   3.75 kV, 7-Channel, SPIsolator Digital Isolators for SPI
ADUM3154 AD-ADUM3154 Datasheet
412Kb / 22P
   3.75 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com