Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM7640 Datasheet(PDF) 1 Page - Analog Devices

Part # ADUM7640
Description  1 kV RMS Six-Channel Digital Isolators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM7640 Datasheet(HTML) 1 Page - Analog Devices

  ADUM7640 Datasheet HTML 1Page - Analog Devices ADUM7640 Datasheet HTML 2Page - Analog Devices ADUM7640 Datasheet HTML 3Page - Analog Devices ADUM7640 Datasheet HTML 4Page - Analog Devices ADUM7640 Datasheet HTML 5Page - Analog Devices ADUM7640 Datasheet HTML 6Page - Analog Devices ADUM7640 Datasheet HTML 7Page - Analog Devices ADUM7640 Datasheet HTML 8Page - Analog Devices ADUM7640 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1 kV RMS Six-Channel Digital Isolators
Data Sheet
ADuM7640/ADuM7641/ADuM7642/ADuM7643
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Small 20-lead QSOP
1000 V rms isolation rating
Safety and regulatory approvals (pending):
UL recognition (pending)
1000 V rms for 1 minute per UL 1577
Low power operation
3.3 V operation
1.6 mA per channel maximum at 0 Mbps to 1 Mbps
7.8 mA per channel maximum at 25 Mbps
5 V operation
2.2 mA per channel maximum at 0 Mbps to 1 Mbps
11.2 mA per channel maximum at 25 Mbps
Bidirectional communication
Up to 25 Mbps data rate (NRZ)
3 V/5 V level translation
High temperature operation: 105°C
High common-mode transient immunity: >15 kV/μs
APPLICATIONS
General-purpose, multichannel isolation
SPI interface/data converter isolation
RS-232/RS-422/RS-485 transceivers
Industrial field bus isolation
GENERAL DESCRIPTION
The ADuM7640/ADuM7641/ADuM7642/ADuM76431 are
6-channel digital isolators based on the Analog Devices, Inc.,
i
Coupler® technology. These 1 kV digital isolation devices are
packaged in a small 20-lead QSOP. They offer space savings and
a lower price than 2.5 kV or 5 kV isolation solutions when only
functional isolation is needed.
This family, like many Analog Devices isolators, offers very low
power consumption, using one-tenth to one-sixth the power of
other digital isolators, with the supply voltage on either side
ranging from 3.0 V to 5.5 V. Despite their low power consumption,
the ADuM7640/ADuM7641/ADuM7642/ADuM7643 provide
low pulse width distortion (< 6 ns for C grade) and a channel-
by-channel glitch filter to protect the device against extraneous
noise disturbances. Four channel direction combinations are
available with a maximum data rate of 1 Mbps or 25 Mbps. All
products have a default output high logic state in the absence of
input power.
FUNCTIONAL BLOCK DIAGRAMS
VDD1A
VDD2A
1
20
GND1
GND2
2
19
VIA
VOA
3
18
ENCODE
DECODE
VIB
VOB
4
17
ENCODE
DECODE
VIC
VOC
5
16
ENCODE
DECODE
VID
VOD
6
15
ENCODE
DECODE
VDD1B
VDD2B
7
14
VIE
VOE
8
13
ENCODE
DECODE
VIF
VOF
9
12
ENCODE
DECODE
GND1
GND2
10
11
ADuM7640
Figure 1. ADuM7640
VDD1A
VDD2A
1
20
GND1
GND2
2
19
VIA
VOA
3
18
ENCODE
DECODE
VIB
VOB
4
17
ENCODE
DECODE
VIC
VOC
5
16
ENCODE
DECODE
VID
VOD
6
15
ENCODE
DECODE
VDD1B
VDD2B
7
14
VOE
VIE
8
13
DECODE
ENCODE
VIF
VOF
9
12
ENCODE
DECODE
GND1
GND2
10
11
ADuM7641
Figure 2. ADuM7641
VDD1A
VDD2A
1
20
GND1
GND2
2
19
VIA
VOA
3
18
ENCODE
DECODE
VIB
VOB
4
17
ENCODE
DECODE
VIC
VOC
5
16
ENCODE
DECODE
VOD
VID
6
15
DECODE
ENCODE
VDD1B
VDD2B
7
14
VOE
VIE
8
13
DECODE
ENCODE
VIF
VOF
9
12
ENCODE
DECODE
GND1
GND2
10
11
ADuM7642
Figure 3. ADuM7642
VDD1A
VDD2A
1
20
GND1
GND2
2
19
VIA
VOA
3
18
ENCODE
DECODE
VIB
VOB
4
17
ENCODE
DECODE
VOC
VIC
5
16
DECODE
ENCODE
VOD
VID
6
15
DECODE
ENCODE
VDD1B
VDD2B
7
14
VOE
VIE
8
13
DECODE
ENCODE
VIF
VOF
9
12
ENCODE
DECODE
GND1
GND2
10
11
ADuM7643
Figure 4. ADuM7643
1 Protected by U.S. Patents 5,952,849; 6,873,065; and 7,075,329. Other patents pending.


Similar Part No. - ADUM7640

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM7640ARQZ AD-ADUM7640ARQZ Datasheet
392Kb / 20P
   1 kV RMS Six-Channel Digital Isolators
REV. 0
ADUM7640ARQZ-RL7 AD-ADUM7640ARQZ-RL7 Datasheet
392Kb / 20P
   1 kV RMS Six-Channel Digital Isolators
REV. 0
ADUM7640CRQZ AD-ADUM7640CRQZ Datasheet
392Kb / 20P
   1 kV RMS Six-Channel Digital Isolators
REV. 0
ADUM7640CRQZ-RL7 AD-ADUM7640CRQZ-RL7 Datasheet
392Kb / 20P
   1 kV RMS Six-Channel Digital Isolators
REV. 0
More results

Similar Description - ADUM7640

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM7641ARQZ AD-ADUM7641ARQZ Datasheet
392Kb / 20P
   1 kV RMS Six-Channel Digital Isolators
REV. 0
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM7440 AD-ADUM7440_11 Datasheet
323Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. B
logo
Silicon Laboratories
SI8030AA-B-IU SILABS-SI8030AA-B-IU Datasheet
1Mb / 23P
   1 KV THREE TO SIX-CHANNEL DIGITAL ISOLATORS
logo
Skyworks Solutions Inc.
SI80XX-1KV SKYWORKS-SI80XX-1KV Datasheet
401Kb / 23P
   1 KV THREE TO SIX-CHANNEL DIGITAL ISOLATORS
Rev. 1.1
logo
Analog Devices
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com